Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS2DB391BA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECOS2DB391BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2DB391BA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECOS2DB391BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 7Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 8Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
14
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
Compact size for general purpose and industrial applications
2 and 3 pin versions available
20mm lengths for low profile applications
**Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Part Number System
Diameter
Code
22
B
25
C
30
D
35
E
± 20%
350 ~ 500 VDC
-25 ~ +85°C
33 ~ 820µF
Capacitance Tolerance:
TS-UP Series 85°C, 3000 hours
Nominal Capacitance:
120 ~ 68000µF
Rated Working Voltage:
Operating Temperature:
16 ~ 250 VDC
-40 ~ +85°C
Dissipation Factor:
(120 Hz, +20°C)
Leakage Current:
Ripple Current Multipliers:
Dimensions in millimeters
3000 hours* at +85°C with maximum specified ripple current (see page 4)
Endurance:
3 CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Diameter
*2000 hours for 20mm length sizes
Working Voltage [V]:
Max. D.F. (%):
16
50
25
20
160 ~ 500
15
(rated cap. [µF] - 33000 )
1000
For capacitance values > 33000µF, add the value of:
25
40
35
35
50
30
63
80
100
20
Frequency(Hz):
16~100WV:
50
160~450WV:
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ripple Current Ambient Temperature Factors**
45°C
1.5
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.0
1.3
1.4
1.05
60
100~120
500
1k
10k
T
L+2 max.
D+1 max.
Circuit Board Mounting Holes
10.0±0.1
Ø2.0±0.1
Ø2.0±0.1
4.75±0.1
Ø2.5 min.
3.3±0.1
T
L+2 max.
D+1 max.
10.0±0.1
2 x Ø2.0±0.1
Circuit Board Mounting Holes
2 Pin Mounting Style
3 Pin Mounting Style
Pin Dimensions
4mm Length: Standard on 3 Pin, Available on 2 Pin Mounting Styles
+0.2
"T" 6.3mm Length: Standard on 2 Pin Mounting Style
Top of Capacitor Body
4.0±0.5
1.5±0.2
2.0 max.
0.8
+0.2
-0.1
3.5
6.3±1.0
1.5±0.2
2.0 max.
0.8 -0.1
4.0
E
C
O
S
P
Capacitance
Code
Series
Code
2S
2G
2T
2V
2E
2D
2C
2A
1K
1J
1H
1V
1E
25
35
50
63
80 100 160 200 250 350 385 400 420
Voltage Code
1C
16
2W
450
2H
500
Terminal Style
ECOS
ECEC
ECE3
Prefix Length # of Pins
6.3mm
4.0mm
4.0mm
2
2
3
RoHS compliant PVC sleeve and top
plate is standard. PET sleeve is
available without top plate.
Suffix
A
X
L
Standard Ratings
Extended CV Ratings
20mm Length Ratings
RoHS
Compliant


Similar Part No. - ECOS2DB391BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS2DB391BA PANASONIC-ECOS2DB391BA Datasheet
178Kb / 2P
Large Can Aluminum Electrolytic Capacitors
ECOS2DB391BA PANASONIC-ECOS2DB391BA Datasheet
178Kb / 2P
Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECOS2DB391BA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
Large Can Aluminum Electrolytic Capacitors
ECE-T1VP563FA PANASONIC-ECE-T1VP563FA Datasheet
399Kb / 3P
Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW Datasheet
347Kb / 7P
Large Can Aluminum Electrolytic Capacitors
NRLUW NIC-NRLUW Datasheet
322Kb / 6P
Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com