Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS2DB391BA Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECOS2DB391BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2DB391BA Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECOS2DB391BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 7Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 8Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 9Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
22
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
100
22 x 30
0.92
1.29
1.658
0.580
25 x 25
0.92
1.29
1.658
0.580
30 x 20
0.47
0.66
1.989
0.696
120
22 x 35
1.02
1.43
1.382
0.484
25 x 25
1.02
1.43
1.382
0.484
150
22 x 40
1.16
1.62
1.105
0.387
25 x 30
1.16
1.62
1.105
0.387
30 x 25
1.16
1.62
1.105
0.387
35 x 20
0.60
0.84
1.326
0.464
180
22 x 45
1.44
2.02
0.921
0.322
25 x 30
1.44
2.02
0.921
0.322
25 x 35
1.44
2.02
0.921
0.322
220
22 x 50
1.49
2.09
0.754
0.264
25 x 40
1.49
2.09
0.754
0.264
30 x 30
1.49
2.09
0.754
0.264
270
25 x 45
1.67
2.34
0.675
0.236
30 x 35
1.67
2.34
0.675
0.236
35 x 30
1.67
2.34
0.675
0.236
330
30 x 40
1.90
2.66
0.553
0.193
35 x 30
1.90
2.66
0.553
0.193
35 x 35
1.90
2.66
0.553
0.193
390
30 x 45
2.13
2.98
0.468
0.164
35 x 35
2.13
2.98
0.468
0.164
35 x 40
2.13
2.98
0.468
0.164
470
35 x 40
2.39
3.35
0.388
0.136
35 x 45
2.39
3.35
0.388
0.136
560
35 x 45
2.69
3.77
0.326
0.114
35 x 50
2.69
3.77
0.326
0.114
680
35 x 50
3.00
4.20
0.268
0.094
82
22 x 30
0.83
1.16
2.426
0.849
100
22 x 30
0.92
1.29
1.989
0.696
25 x 25
0.92
1.29
1.989
0.696
120
22 x 35
1.02
1.43
1.658
0.580
25 x 30
1.02
1.43
1.658
0.580
150
22 x 40
1.16
1.62
1.326
0.464
25 x 30
1.16
1.62
1.326
0.464
30 x 25
1.16
1.62
1.326
0.464
180
22 x 45
1.44
2.02
1.105
0.387
25 x 35
1.44
2.02
1.105
0.387
30 x 30
1.44
2.02
1.105
0.387
220
25 x 45
1.49
2.09
0.904
0.316
30 x 30
1.49
2.09
0.904
0.316
35 x 25
1.49
2.09
0.904
0.316
270
25 x 50
1.67
2.34
0.737
0.258
30 x 35
1.67
2.34
0.737
0.258
35 x 30
1.67
2.34
0.737
0.258
330
30 x 45
1.90
2.66
0.603
0.211
35 x 35
1.90
2.66
0.603
0.211
390
30 x 50
2.13
2.98
0.510
0.179
35 x 40
2.13
2.98
0.510
0.179
470
35 x 45
2.39
3.35
0.423
0.148
560
35 x 50
2.69
3.77
0.355
0.124
33
22 x 20
0.20
0.28
6.028
2.411
22 x 25
0.41
0.57
6.028
2.411
47
22 x 25
0.59
0.83
4.233
1.693
25 x 20
0.29
0.41
4.233
1.693
56
22 x 25
0.70
0.98
2.960
1.184
68
30 x 20
0.38
0.53
2.926
1.170
82
22 x 30
0.83
1.16
2.022
0.809
25 x 25
0.83
1.16
2.022
0.809
100
22 x 35
0.93
1.30
1.658
0.663
35 x 20
0.52
0.73
1.989
0.796
ECOS2WP560BA
ECOS2WP680DL
ECOS2WP820BA
ECOS2WP820CA
ECEC2SP101BA
ECEC2SP101CA
ECEC2WP820BA
ECEC2WP101BA
ECEC2SP221DA
ECEC2SP221EA
ECEC2SP271CA
ECEC2SP271DA
ECEC2SP121BA
ECEC2SP121CA
ECEC2SP151BA
ECEC2WP101EL
ECEC2WP560BA
ECEC2WP680DL
ECEC2GP221DA
ECEC2GP331EX
ECEC2GP331EA
ECEC2GP391DA
400 VDC Working, 450 VDC Surge (continued)
D x L
4.0mm Length Terminal
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
ECOS2SP121BA
ECOS2GP561EA
ECEC2GP221BA
ECOS2GP101DL
ECOS2GP221BA
ECEC2GP101CA
ECEC2GP121BA
Part numbers shown with 2 pins
Panasonic Part Number (By Terminal Length)
6.3mm Length Terminal
ECOS2GP151CA
ECOS2SP151CA
ECOS2GP271CA
ECOS2SP151BA
ECOS2GP681EX
ECOS2GP391EA
ECOS2GP471EX
ECOS2GP471EA
ECOS2SP121CA
ECOS2GP561EX
ECOS2SP101CA
ECOS2GP331DA
ECEC2GP391EX
ECEC2GP391EA
ECOS2GP391EX
ECOS2SP820BA
420 VDC Working, 470 VDC Surge
ECOS2GP331EX
ECOS2GP331EA
ECOS2GP391DA
ECEC2GP681EX
ECEC2GP561EA
ECEC2GP561EX
ECOS2SP101BA
ECOS2WP470BA
ECEC2WP820CA
ECOS2WP470CL
ECEC2WP470CL
ECOS2SP221EA
ECOS2SP271CA
ECOS2SP561EA
ECOS2SP471EA
ECEC2WP470BA
ECOS2WP101BA
ECOS2WP101EL
ECEC2GP101BA
ECEC2GP121CX
ECEC2GP151BA
ECEC2GP151CA
ECEC2GP101DL
ECOS2GP101BA
ECOS2GP101CA
ECOS2GP121BA
ECOS2GP121CX
ECOS2GP151BA
ECOS2GP151DA
ECOS2GP151EL
ECOS2GP181BA
ECOS2GP181CX
ECOS2GP181CA
ECOS2GP271DA
ECOS2GP271EA
ECOS2GP221CA
ECOS2GP221DA
ECEC2GP151DA
ECEC2GP151EL
ECEC2GP181BA
ECEC2GP181CX
ECEC2SP181CA
ECEC2SP181DA
ECEC2SP221CA
ECEC2GP181CA
ECEC2GP271DA
ECEC2GP271EA
ECEC2GP331DA
ECEC2SP820BA
ECEC2GP221CA
ECEC2GP271CA
ECOS2SP391DA
ECOS2SP331EA
ECOS2SP331DA
ECEC2GP471EX
ECEC2GP471EA
ECOS2SP221CA
ECOS2SP221DA
ECEC2SP151CA
ECEC2SP151DA
ECEC2SP181BA
ECOS2SP271EA
ECOS2SP271DA
ECOS2SP151DA
ECOS2SP181BA
ECOS2SP181CA
ECOS2SP181DA
ECEC2SP271EA
ECEC2SP331DA
ECEC2SP331EA
ECEC2SP391DA
ECEC2SP391EA
ECEC2SP471EA
ECEC2SP561EA
ECOS2WP330BL
ECOS2SP391EA
ECOS2WP330BA
ECEC2WP330BL
ECEC2WP330BA
450 VDC Working, 500 VDC Surge



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com