Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352B-LF Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9352B-LF
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B-LF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9352B-LF Datasheet HTML 4Page - STMicroelectronics L9352B-LF Datasheet HTML 5Page - STMicroelectronics L9352B-LF Datasheet HTML 6Page - STMicroelectronics L9352B-LF Datasheet HTML 7Page - STMicroelectronics L9352B-LF Datasheet HTML 8Page - STMicroelectronics L9352B-LF Datasheet HTML 9Page - STMicroelectronics L9352B-LF Datasheet HTML 10Page - STMicroelectronics L9352B-LF Datasheet HTML 11Page - STMicroelectronics L9352B-LF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
L9352B
8/27
3
Electrical specifications
3.1
Absolute maximum ratings
The absolute maximum ratings are the limiting values for this device.
Warning:
Damage may occur if this device is subjected to conditions
which are beyond these values.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
EQ
Switch off energy for inductive loads
50
mJ
Voltages
VS
Supply voltage
-0.3
40
V
VCC, VDD
Supply voltage
-0.3
6
V
VQ
Output voltage static
40
V
VQ
Output voltage during clamping
t < 1ms
60
V
VIN, VEN
Input voltage IN1 to IN4, EN
II < |10|mA
-1.5
6
V
VCLK
Input voltage CLK
-1.5
6
V
VST
Output voltage status
-0.3
6
V
VD
Recirculation circuits D3, D4
40
V
VDRmax
Max. reverse breakdown voltage of free
wheeling diodes D3, D4
55
V
Currents
IQ1/2
Output current for Q1 and Q2
>5
internal
limited
A
IQ3/4
Output current for Q3 and Q4
>3
internal
limited
A
IQ1/2,
IPGND1/2
Output current at reversal supply for Q1
and Q2
-4
A
IQ3/4,
IPGND3/4
Output current at reversal supply for
Q3 and Q4
-2
A
IST
Output current status pin
-5
5
mA
ESD protection
ESD
Electrostatical discharging
GND, PGND, Qx, Dx, CLK, ST, IN,
TEST, EN
MIL883C
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com