Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352B-LF Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9352B-LF
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B-LF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9352B-LF Datasheet HTML 5Page - STMicroelectronics L9352B-LF Datasheet HTML 6Page - STMicroelectronics L9352B-LF Datasheet HTML 7Page - STMicroelectronics L9352B-LF Datasheet HTML 8Page - STMicroelectronics L9352B-LF Datasheet HTML 9Page - STMicroelectronics L9352B-LF Datasheet HTML 10Page - STMicroelectronics L9352B-LF Datasheet HTML 11Page - STMicroelectronics L9352B-LF Datasheet HTML 12Page - STMicroelectronics L9352B-LF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
L9352B
Electrical specifications
9/27
3.2
Thermal data
3.3
Operating range
VS,
VCC,VDD
Supply pins
vs. GND and PGND
±1
kV
ESD
Output pins (Qx, Dx)
vs. Common GND
(PGND1-4 + GND)
±4
kV
Table 3.
Absolute maximum ratings (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 4.
Thermal data
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Tj
Junction temperature
Tj
-40
150
°C
Tjc
Junction temperature during clamping
(life time)
t = 30min
t = 15min
175
190
°C
Tstg
Storage temperature
Tstg
-55
150
°C
Tth
Over temperature shutdown threshold
(1)
175
200
°C
Thy
Over temperature shutdown hysteresis
(1)
10
°C
Rth j-case
Thermal resistance junction to case
2
K/W
1.
This parameter will not be tested but assured by design.
Table 5.
Operating range
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VS
Supply voltage
4.8
18
V
VCC, VDD
Supply voltage
4.5
5.5
V
dVS/dt
Supply voltage transient time
-1
1
V/s
VQ
Output voltage static
-0.3
40
V
VQ
Output voltage induced by inductive
switching
Voltage will be
limited by internal
Z-diode clamping
60
V
VST
Output voltage status
-0.3
6
V
IST
Output current status
-1
1
mA
Tj
Junction temperature
-40
150
°C
Tjc
Junction temperature during clamping
= 30min
= 15min
175
190
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com