Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352B-LF Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9352B-LF
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B-LF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9352B-LF Datasheet HTML 14Page - STMicroelectronics L9352B-LF Datasheet HTML 15Page - STMicroelectronics L9352B-LF Datasheet HTML 16Page - STMicroelectronics L9352B-LF Datasheet HTML 17Page - STMicroelectronics L9352B-LF Datasheet HTML 18Page - STMicroelectronics L9352B-LF Datasheet HTML 19Page - STMicroelectronics L9352B-LF Datasheet HTML 20Page - STMicroelectronics L9352B-LF Datasheet HTML 21Page - STMicroelectronics L9352B-LF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Functional description
L9352B
18/27
4.9
Diagnostic
The status follows the input signal in normal operating conditions.
If any error is detected the status is inverted.
Table 9.
Diagnostic
Operating condition
Test
input
TEST
Enable
input
ENA
Control input
non-reg./reg. IN
Power
output/current
reg. Q
Status
output
ST
Normal function
L
L
L
L
L
L
H
H
L
H/PWM
L
H/PWM
OFF
OFF
OFF
ON
L
L
L
H
Open load or short to ground
L
L
L
L
L
L
H
H
L
H/PWM
L
H/PWM
OFF
OFF
OFF
ON
X
X
H
L
Overload or short to supply
Latched overload
Reset latch
Reset latch
L
L
L
L
H
H
H –> L
H
H/PWM
H/PWM
X
H/PWM –> L
OFF
OFF
OFF
OFF
L
L
L
L
Overtemperature
Latched overtemperature
Reset latch
Reset latch
L
L
L
L
H
H
H –> L
H
H/PWM
H/PWM
X
H/PWM –> L
OFF
OFF
OFF
OFF
L
L
L
L
Recirculation error (reg.chn.)
Latched error
Reset latch
Reset latch
L
L
L
L
H
H
H –> L
H
PWM
PWM
X
PWM –> L
OFF
OFF
OFF
OFF
L
L
L
L
Clock failure (clock loss)(1)
L
L
L
L
L
L
H
H
L
H/PWM
L
H/PWM
OFF
OFF
OFF
OFF
H
H
H
L
Drift(2)
Failure
No failure
H
H
H
H
L
L
H
H
L
H/PWM
H/PWM
H/PWM
OFF
OFF
ON
ON
X
X
L
H
1.
during power on sequence only detected on channel 3 and 4 (see description).
2.
This input combination is also used for an internal chip-test and must not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com