Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2386CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2386CS
Description  250 MHz Triple Current Feedback Amp w/Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2386CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2386CS Datasheet HTML 4Page - Elantec Semiconductor EL2386CS Datasheet HTML 5Page - Elantec Semiconductor EL2386CS Datasheet HTML 6Page - Elantec Semiconductor EL2386CS Datasheet HTML 7Page - Elantec Semiconductor EL2386CS Datasheet HTML 8Page - Elantec Semiconductor EL2386CS Datasheet HTML 9Page - Elantec Semiconductor EL2386CS Datasheet HTML 10Page - Elantec Semiconductor EL2386CS Datasheet HTML 11Page - Elantec Semiconductor EL2386CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL2386C
250 MHz Triple Current Feedback Amp wDisable
Typical Performance Curves
Contd
Voltage at 358 MHz
Phase vs DC Input
Differential Gain and
2386-31
Voltage at 358 MHz
Phase vs DC Input
Differential Gain and
2386-32
Settling Accuracy
Settling Time vs
2386-33
Small-Signal Step Response
2386-34
Large-Signal Step Response
2386-35
vs Ambient Temperature
Maximum Power Dissipation
16-Pin Plastic DIP
2386-36
vs Ambient Temperature
Maximum Power Dissipation
16-Lead SO
2386-37
Isolation vs Frequency
Channel to Channel
2386-38
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com