Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2386CS Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL2386CS
Description  250 MHz Triple Current Feedback Amp w/Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2386CS Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL2386CS Datasheet HTML 8Page - Elantec Semiconductor EL2386CS Datasheet HTML 9Page - Elantec Semiconductor EL2386CS Datasheet HTML 10Page - Elantec Semiconductor EL2386CS Datasheet HTML 11Page - Elantec Semiconductor EL2386CS Datasheet HTML 12Page - Elantec Semiconductor EL2386CS Datasheet HTML 13Page - Elantec Semiconductor EL2386CS Datasheet HTML 14Page - Elantec Semiconductor EL2386CS Datasheet HTML 15Page - Elantec Semiconductor EL2386CS Datasheet HTML 16Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EL2386C
250 MHz Triple Current Feedback Amp wDisable
EL2386C Macromodel
EL2386C Macromodel
Revision A July 1996
AC characteristics used Rf e Rg e 750 ohms
Pin numbers reflect a standard single opamp
Connections
a
input
l
b
input
ll
a
Vsupply
lll
b
Vsupply
llll
output
lllll
subckt EL2386EL
3
2
7
4
6
Input Stage
e1 100301 0
vis 10 9 0V
h2 9 12 vxx 10
r1211400
l1 11 12 25nH
iinp 3 0 15
mA
iinm203
mA
r12 3 0 2Meg
Slew Rate Limiting
h1 13 0 vis 600
r2 13 14 1K
d1 14 0 dclamp
d2 0 14 dclamp
High Frequency Pole
e2 30 0 14 0 000166666666
l3 30 17 150nH
c5 17 0 08pF
r5 17 0 165
Transimpedance Stage
g10181701 0
rol 18 0 450k
cdp 18 0 0675pF
Output Stage
q141819qp
q271820qn
q371921qn
q442022qp
r7 21 6 4
r8 22 6 4
ios1 7 19 1mA
ios2 20 4 1mA
Supply Current
ips 7 4 02mA
Error Terms
ivos 0 23 02mA
vxx 23 0 0V
e4 240301 0
e5 250701 0
e6 26040 b10
r9 24 23 316
r10 25 23 32K
r11 26 23 32K
Models
model qn npn(ise5eb15 bfe200 tfe01nS)
model qp pnp(ise5eb15 bfe200 tfe01nS)
model dclamp d(ise1eb30 ibve0266
a
bve071v ne4)
ends
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com