Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2386CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2386CS
Description  250 MHz Triple Current Feedback Amp w/Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2386CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2386CS Datasheet HTML 1Page - Elantec Semiconductor EL2386CS Datasheet HTML 2Page - Elantec Semiconductor EL2386CS Datasheet HTML 3Page - Elantec Semiconductor EL2386CS Datasheet HTML 4Page - Elantec Semiconductor EL2386CS Datasheet HTML 5Page - Elantec Semiconductor EL2386CS Datasheet HTML 6Page - Elantec Semiconductor EL2386CS Datasheet HTML 7Page - Elantec Semiconductor EL2386CS Datasheet HTML 8Page - Elantec Semiconductor EL2386CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL2386C
250 MHz Triple Current Feedback Amp wDisable
DC Electrical Characteristics
VS e g5V RLe 150 X ENABLE e 0V TAe 25 C unless otherwise specified
Contd
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
IS
Supply CurrentEnabled (per amplifier)
ENABLE e 20V
3
6
I
mA
IS(DIS)
Supply CurrentDisabled (per amplifier)
ENABLE e 45V
0
50
I
mA
COUT(DIS)
Output CapacitanceDisabled
ENABLE e 45V
44
V
pF
RIN-EN
ENABLE Pin Input Resistance
ENABLE e 20V to 45V
45
85
I
k
X
IIH-EN
ENABLE Pin Input CurrentHigh
ENABLE e 45V
b
004
V
mA
IIL-EN
ENABLE Pin Input CurrentLow
ENABLE e 0V
b
53
V
mA
VDIS
Minimum Voltage at ENABLE to Disable
45
I
V
VEN
Maximum Voltage at ENABLE to Enable
20
I
V
AC Electrical Characteristics
VS e g5V RF e RG e 750 X RLe 150X ENABLE e 0V TA e 25 C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
BW
b
3 dB Bandwidth
AV ea1
250
V
MHz
AV ea2
180
V
MHz
BW
g
01 dB Bandwidth
AV ea2
50
V
MHz
SR
Slew Rate
VOUT e g25V Measured at g125V
600
1200
IV
V
ms
tR tF
Rise and Fall Time
VOUT e g500 mV
15
V
ns
tPD
Propagation Delay
VOUT e g500 mV
15
V
ns
OS
Overshoot
VOUT e g500 mV
30
V
%
tS
01% Settling
VOUT e g25V AV eb115
V
ns
dG
Differential Gain (Note 1)
AV ea2 RL e 150X
005
V
%
dP
Differential Phase (Note 1)
AV ea2 RL e 150X
005
V
dG
Differential Gain (Note 1)
AV ea1 RL e 500X
001
V
%
dP
Differential Phase (Note 1)
AV ea1 RL e 500X
001
V
tON
Turn-On Time (Note 2)
AV ea2 VIN ea1V RL e 150X
40
100
I
ns
tOFF
Turn-Off Time (Note 2)
AV ea2 VIN ea1V RL e 150X
800
2000
I
ns
CS
Channel Separation
f e 5 MHz
85
V
dB
Note 1 DC offset from 0V to 0714V AC amplitude 286 mVp-p f e 358 MHz
Note 2 Measured from the application of the logic signal until the output voltage is at the 50% point between initial and final
values
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com