Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5259405B-75 Datasheet(PDF) 13 Page - Elpida Memory

Part # HM5259405B-75
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259405B-75 Datasheet(HTML) 13 Page - Elpida Memory

Back Button HM5259405B-75 Datasheet HTML 9Page - Elpida Memory HM5259405B-75 Datasheet HTML 10Page - Elpida Memory HM5259405B-75 Datasheet HTML 11Page - Elpida Memory HM5259405B-75 Datasheet HTML 12Page - Elpida Memory HM5259405B-75 Datasheet HTML 13Page - Elpida Memory HM5259405B-75 Datasheet HTML 14Page - Elpida Memory HM5259405B-75 Datasheet HTML 15Page - Elpida Memory HM5259405B-75 Datasheet HTML 16Page - Elpida Memory HM5259405B-75 Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
13
CKE Truth Table
CKE
Current state
Command
n - 1
n
CS
RAS
CAS
WE Address
Active
Clock suspend mode entry
H
L
××××
×
Any
Clock suspend
L
L
××××
×
Clock suspend
Clock suspend mode exit
L
H
××××
×
Idle
Auto-refresh command (REF)
H
H
LLLH
×
Idle
Self-refresh entry (SELF)
H
LLLLH
×
Idle
Power down entry
H
L
L
H
H
H
×
HL
H
×××
×
Self refresh
Self refresh exit (SELFX)
L
H
L
H
H
H
×
LH
H
×××
×
Power down
Power down exit
L
H
L
H
H
H
×
LH
H
×××
×
Note:
H: V
IH.
L: V
IL.
×: V
IH or VIL.
Clock suspend mode entry: The SDRAM enters clock suspend mode from active mode by setting CKE to
Low. If command is input in the clock suspend mode entry cycle, the command is valid. The clock suspend
mode changes depending on the current status (1 clock before) as shown below.
ACTIVE clock suspend: This suspend mode ignores inputs after the next clock by internally maintaining
the bank active status.
READ suspend and READ with Auto-precharge suspend: The data being output is held (and continues to
be output).
WRITE suspend and WRIT with Auto-precharge suspend: In this mode, external signals are not
accepted. However, the internal state is held.
Clock suspend: During clock suspend mode, keep the CKE to Low.
Clock suspend mode exit: The SDRAM exits from clock suspend mode by setting CKE to High during the
clock suspend state.
IDLE: In this state, all banks are not selected, and completed precharge operation.
Auto-refresh command [REF]: When this command is input from the IDLE state, the SDRAM starts auto-
refresh operation. (The auto-refresh is the same as the CBR refresh of conventional DRAMs.) During the
auto-refresh operation, refresh address and bank select address are generated inside the SDRAM. For every
auto-refresh cycle, the internal address counter is updated. Accordingly, 8192 times are required to refresh
the entire memory. Before executing the auto-refresh command, all the banks must be in the IDLE state. In
addition, since the precharge for all banks is automatically performed after auto-refresh, no precharge
command is required after auto-refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com