Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5259405B-75 Datasheet(PDF) 39 Page - Elpida Memory

Part # HM5259405B-75
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259405B-75 Datasheet(HTML) 39 Page - Elpida Memory

Back Button HM5259405B-75 Datasheet HTML 35Page - Elpida Memory HM5259405B-75 Datasheet HTML 36Page - Elpida Memory HM5259405B-75 Datasheet HTML 37Page - Elpida Memory HM5259405B-75 Datasheet HTML 38Page - Elpida Memory HM5259405B-75 Datasheet HTML 39Page - Elpida Memory HM5259405B-75 Datasheet HTML 40Page - Elpida Memory HM5259405B-75 Datasheet HTML 41Page - Elpida Memory HM5259405B-75 Datasheet HTML 42Page - Elpida Memory HM5259405B-75 Datasheet HTML 43Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
39
DQM Control
The DQM mask the DQ data. The DQMU and DQML mask the upper and lower bytes of the DQ data,
respectively. The timing of DQMU/DQML is different during reading and writing.
Reading: When data is read, the output buffer can be controlled by DQM, DQMU/DQML. By setting
DQM, DQMU/DQML to Low, the output buffer becomes Low-Z, enabling data output. By setting DQM,
DQMU/DQML to High, the output buffer becomes High-Z, and the corresponding data is not output.
However, internal reading operations continue. The latency of DQM, DQMU/DQML during reading is 2
clocks.
Writing: Input data can be masked by DQM, DQMU/DQML. By setting DQM, DQMU/DQML to Low,
data can be written. In addition, when DQM, DQMU/DQML is set to High, the corresponding data is not
written, and the previous data is held. The latency of DQM, DQMU/DQML during writing is 0 clock.
Reading
CLK
DQ (output)
out 0
out 1
l
= 2 Latency
out 3
DOD
DQM,
DQMU/DQML
High-Z
Writing
CLK
DQ (input)
in 0
in 1
l
= 0 Latency
in 3
DID
DQM,
DQMU/DQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com