Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5259405B-75 Datasheet(PDF) 2 Page - Elpida Memory

Part # HM5259405B-75
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259405B-75 Datasheet(HTML) 2 Page - Elpida Memory

  HM5259405B-75 Datasheet HTML 1Page - Elpida Memory HM5259405B-75 Datasheet HTML 2Page - Elpida Memory HM5259405B-75 Datasheet HTML 3Page - Elpida Memory HM5259405B-75 Datasheet HTML 4Page - Elpida Memory HM5259405B-75 Datasheet HTML 5Page - Elpida Memory HM5259405B-75 Datasheet HTML 6Page - Elpida Memory HM5259405B-75 Datasheet HTML 7Page - Elpida Memory HM5259405B-75 Datasheet HTML 8Page - Elpida Memory HM5259405B-75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
2
• Programmable CAS latency: 2/3
• Byte control by DQM : DQM (HM5259805B/HM5259405B)
: DQMU/DQML (HM5259165B)
• Refresh cycles: 8192 refresh cycles/32 ms
• 2 variations of refresh
 Auto refresh
Self refresh
Ordering Information
Type No.
Frequency
CAS latency
Package
HM5259165BTD-75*
1
HM5259165BTD-A6
133 MHz
100 MHz
3
2/3
400-mil 54-pin plastic TSOP II (TTP-54DA)
HM5259805BTD-75*
1
HM5259805BTD-A6
133 MHz
100 MHz
3
2/3
HM5259405BTD-75*
1
HM5259405BTD-A6
133 MHz
100 MHz
3
2/3
Notes: 1. 100 MHz operation at
CAS latency = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com