Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78911 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78911
Description  8-BIT MICRO-CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78911 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78911 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
EM78911
EM78911
EM78911
EM78911
8
88
8-
--
-bit micro
bit micro
bit micro
bit micro-
--
-controller
controller
controller
controller
R(0)
→ C, C → R(7)
0
0110
10rr
rrrr
06rr
RLCA R
R(n)
→ A(n+1)
R(7)
→ C, C → A(0)
C
0
0110
11rr
rrrr
06rr
RLC R
R(n)
→ R(n+1)
R(7)
→ C, C → R(0)
C
0
0111
00rr
rrrr
07rr
SWAPA R
R(0-3)
→ A(4-7)
R(4-7)
→ A(0-3)
None
0
0111
01rr
rrrr
07rr
SWAP R
R(0-3)
↔ R(4-7)
None
0
0111
10rr
rrrr
07rr
JZA R
R+1
→ A, skip if zero
None
0
0111
11rr
rrrr
07rr
JZ R
R+1
→ R, skip if zero
None
0
100b
bbrr
rrrr
0xxx
BC R,b
0
→ R(b)
None
0
101b
bbrr
rrrr
0xxx
BS R,b
1
→ R(b)
None
0
110b
bbrr
rrrr
0xxx
JBC R,b
if R(b)=0, skip
None
0
111b
bbrr
rrrr
0xxx
JBS R,b
if R(b)=1, skip
None
1
00kk
kkkk
kkkk
1kkk
CALL k
PC+1
→ [SP]
(Page, k)
→ PC
None
1
01kk
kkkk
kkkk
1kkk
JMP k
(Page, k)
→ PC
None
1
1000
kkkk
kkkk
18kk
MOV A,k
k
→ A
None
1
1001
kkkk
kkkk
19kk
OR A,k
A
∨ k → A
Z
1
1010
kkkk
kkkk
1Akk
AND A,k
A & k
→ A
Z
1
1011
kkkk
kkkk
1Bkk
XOR A,k
A
⊕ k → A
Z
1
1100
kkkk
kkkk
1Ckk
RETL k
k
→ A, [Top of Stack] → PC
None
1
1101
kkkk
kkkk
1Dkk
SUB A,k
k-A
→ A
Z,C,DC
1
1110
0000
0001
1E01
INT
PC+1
→ [SP]
001H
→ PC
None
1
1110
1000
kkkk
1E8k
PAGE
k
K->R5(3:0)
None
1
1111
kkkk
kkkk
1Fkk
ADD A,k
k+A
→ A
Z,C,DC
VII.8
CODE Option Register
The CALLER ID IC has one CODE option register which is not part of the normal program memory. The
option bits cannot be accessed during normal program execution.
7
6
5
4
3
2
1
0
-
-
-
-
-
-
/POVD
MCLK
* Bit 0 : main clock selection. 0/1 = 3.58MHZ / 1.84MHZ
main clock selection. 0/1 = 3.58MHZ / 1.84MHZ
main clock selection. 0/1 = 3.58MHZ / 1.84MHZ
main clock selection. 0/1 = 3.58MHZ / 1.84MHZ
* Bit 1 :(/POVD) : Power on voltage detector.
0: enable
1: disable
/POVD
2.2V reset
power on reset
Low power
detect without
reset
Low power detect
controlled
by
RA(5)
sleep mode
current
1
no
yes
Yes
Yes
1uA
0
yes
yes
Yes
yes
15uA
* Bits 2~7 : unused, must be "0"s.
VII.9 FSK FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com