Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78911 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78911
Description  8-BIT MICRO-CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78911 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78911 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
12
EM78911
EM78911
EM78911
EM78911
8
88
8-
--
-bit micro
bit micro
bit micro
bit micro-
--
-controller
controller
controller
controller
3. IOC5 (I/O Port Control Register)
7
6
5
4
3
2
1
0
IOC57
IOC56
IOC55
IOC54
0
0
0
P5S
* Bit0: P5S is switch register for I/O port or LCD signal switching.
0/1= normal I/O port/SEGMENT output .
* Bit1~3: unused
* Bit 4 to Bit7 are PORT5 I/O direction control registers.
*
"1" put the relative I/O pin into high impedance, while "0" put the relative I/O pin as output.
4. IOC6 ~ IOC9 (I/O Port Control Register)
*
four I/O direction control registers.
*
"1" put the relative I/O pin into high impedance, while "0" put the relative I/O pin as output.
*
User can see IOCB register how to switch to normal I/O port.
5.
IOCA (CALLER ID RAM,IO ,PAGE Control Register)(read/write,initial "00000000")
7
6
5
4
3
2
1
0
P8SH
P8SL
0
CALL_4 CALL_3 CALL_2 CALL_1 RANGE
*
Bit0 : register to control low power detection range .
0/1=3.2V/3.6V
*
Bit4~Bit1:"000" to "1001"
are ten blocks of CALLER ID RAM area. User can use 2.5K RAM with RD
ram address.
*
Bit 5 unused
*
Bit6: port8 low nibble switch, 0/1= normal I/O port/SEGMENT output .
*
Bit7: port8 high nibble switch , 0/1= normal I/O port/SEGMENT output
6. IOCB (LCD ADDRESS)
PAGE0 : Bit6 ~ Bit0 = LCDA6 ~ LCDA0
The LCD display data is stored in the data RAM . The relation of data area and COM/SEG pin is as below:
COM15 ~ COM8
COM7 ~ COM0
40H (Bit15 ~ Bit8)
00H (Bit7 ~ Bit0)
SEG0
41H
01H
SEG1
:
:
:
:
:
:
:
:
:
:
:
:
7AH
4AH
SEG58
7BH
3BH
SEG59
7CH
3CH
Empty
:
:
:
7FH
3FH
Empty
PAGE1 : 8 bit up-counter (COUNTER1) preset and
read out register . ( write = preset ) . After a
interruption , it will count from “00”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com