Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78911 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78911
Description  8-BIT MICRO-CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78911 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78911 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
EM78911
EM78911
EM78911
EM78911
8
88
8-
--
-bit micro
bit micro
bit micro
bit micro-
--
-controller
controller
controller
controller
7. IOCC (LCD DATA)
PAGE0 : Bit7 ~ Bit0 = LCD RAM data register
PAGE1 : 8 bit up-counter (COUNTER2) preset and read out register . ( write = preset)
After a interruption , it
will count from “00”.
8. IOCD (Pull-high Control Register)
PAGE0:
7
6
5
4
3
2
1
0
PH7
PH6
PH5
PH4
PH3
PH2
PH1
PH0
* Bit 0 ~ 7 (/PH#) Control bit used to enable the pull-high of PORT7(#) pin.
1: Enable internal pull-high
0: Disable internal pull-high
PAGE1:
7
6
5
4
3
2
1
0
RO7
RO6
RO5
RO4
RO3
RO2
RO1
RO0
* Bit 7 ~ 0 (RO7~0) Control bit used to enable the R-OPTION of PORT97~PORT90 pin.
1: Enable
0: Disable
RO is used for R-OPTION . Setting RO to ‘1’ will enable the status of R-option pin (P90 ~ P97) to read by
controller. Clearing RO will disable R-option function. If the R-option function is used, user must connect
PORT9 pins to GND by 560K external register . If the register is connected/disconnected , the R9 will
read as “ 0/1” when RO is set to ‘1’.
9. IOCE (Bias,PLL Control Register)
PAGE0 :
7
6
5
4
3
2
1
0
P9SH
P9SL
P6S
Bias3
Bias2
Bias1
0
SC
*
Bit 0 :SC (SCAN KEY signal ) 0/1 = disable/enable. Once you enable this bit , all of the LCD signal will
have a low pulse during a common period. This pulse has 30us width. Please use the procedure to
implement the key scan function.
a.
set port7 as input port
b.
set IOCD page0 port7 pull high
c.
enable scan key signal
d.
Once push a key . Set RA(6)=1 and switch to normal mode.
e.
Blank LCD. Disable scan key signal.
f.
Set P6S =0. Port6 sent probe signal to port7 and read port7. Get the key.
g.
Note!! A probe signal should be delay a instruction at least to another probe signal.
h.
Set P6S =1. Port6 as LCD signal. Enable LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com