| Electronic Components Datasheet Search |
|
EM78P458AP Datasheet(PDF) 28 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P458AP Datasheet(HTML) 28 Page - ELAN Microelectronics Corp |
|
28 / 76 page ![]() EM78P458/459 OTP ROM ENI (or DISI) ; Enable (or disable) global interrupt SLEP ; Sleep NOP Similarly, if the Comparator High Interrupt is used to wake up the EM78P458/459 (as in Case [c] above), the following instructions must be executed before SLEP: MOV A, @0Bxx000110 ; Select internal TCC clock CONTW CLR R1 ; Clear TCC and prescaler MOV A, @0Bxxxx1110 ; Select WDT prescaler CONTW WDTC ; Clear WDT and prescaler MOV A, @0B0xxxxxxx ; Disable WDT IOW RE MOV A, @0B01xxxxxx ; Enable comparator high interrupt IOW RF ENI (or DISI) ; Enable (or disable) global interrupt SLEP ; Sleep NOP One problem user must be aware of, is that after waking up from the sleep mode, the WDT function will enable automatically. The WDT operation (being enabled or disabled) should be handled appropriately by software after waking up from the sleep mode. 2. The Status of T, and P of STATUS Register A RESET condition is initiated by one of the following events: (1) A power-on condition, (2) A high-low-high pulse on /RESET pin, or (3) Watchdog Timer time-out. The values of T and P, as listed in Table 5 below, are used to check how the processor wakes up. Table 6 shows the events, which may affect the status of T and P. This specification is subject to change without prior notice. 06.25.2004 (V1.4) 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |