Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P458AP Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
EM78P458/459
OTP ROM
3. A/D Sampling Time
The accuracy, linearity, and speed of the successive approximation A/D converter are dependent on
the properties of the ADC and the comparator. The source impedance and the internal sampling
impedance directly affect the time required to charge the sample holding capacitor. The application
program controls the length of the sample time to meet the specified accuracy. Generally speaking,
the program should wait for 1 μs for each K
Ω of the analog source impedance and at least 1 μs for
the low-impedance source. After the analog input channel is selected, this acquisition time must be
done before the conversion can be started.
4. A/D Conversion Time
CKR0 and CKR1 select the conversion time (Tct), in terms of instruction cycles. This allows the MCU
to run at the maximum frequency without sacrificing the accuracy of A/D conversion. For the
EM78P458/459, the conversion time per bit is about 4μs. Table 8 shows the relationship between
Tct and the maximum operating frequencies.
Table 9 Tct vs. the Maximum Operation Frequency
CKR0:CKR1
Operation Mode
Max. operation frequency
00
Fsco/4
1 MHz
01
Fsco/16
4 MHz
10
Fsco/64
16MHz
11
Internal RC
-
5. A/D Operation During Sleep Mode
In order to reduce power consumption, the A/D conversion remains operational during sleep mode,
and is obligated to implement the internal RC clock source mode. As the SLEP instruction is executed,
all the operations of the MCU will stop except for the A/D conversion. The RUN bit will be cleared and
the result will be fed to the ADDATA when the conversion is completed. If the ADIE is enabled, the
device will wake up. Otherwise, the A/D conversion will be shut off, no matter what the status of
ADPD bit is.
6. Programming Steps/Considerations
1. Programming steps
Follow these steps to obtain data from the ADC:
(1) Write to the three bits (IMS2:IMS0) on the AD-CMP-CON1 register to define the characteristics
of R6: Digital I/O, analog channels, and voltage reference pin;
(2) Write to the ADCON register to configure AD module:
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com