Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW424B-1 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW424B-1
Description  SP4T 24GHz PIN Diode Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW424B-1 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4SW424B-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MA4SW424B-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
Rev. V1
Chip Dimensions
A
B
C
C
D
E
F
G
G
H
H
I
Dimension
Mils
Millimeters
Min
Max
Min
Max
A
100
104
2.54
2.64
B
131
135
3.33
3.43
C
61
62
1.55
1.57
D
27
28
0.70
0.72
E
64
65
1.63
1.65
F
91
92
2.31
2.33
G
25
26
0.63
0.65
H
52
52
1.31
1.33
I
19
20
0.48
0.50
Notes:
1. All RF (J) bond pads are 4.5 X 5.5 mils (0.177 X .217 mm).
2. All DC (B) bond pads are 4.0 X 5.5 mils (0.157 X .217 mm).
3. Chip thickness 5 mils (.127 mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com