Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW424B-1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW424B-1
Description  SP4T 24GHz PIN Diode Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW424B-1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SW424B-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW424B-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MA4SW424B-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
Rev. V1
Features
♦Frequency of Operation: 24 +/- 2 GHz
♦Fully Integrated Bias Network
♦Low Power Consumption
+12mA for Insertion Loss, 0V for Isolation
♦The Device is Wire Bond Compensated at all RF
Ports for RF Matching
♦Rugged, Monolithic, Glass Encapsulated
Construction
♦RoHS Compliant
Absolute Maximum Ratings
1
1. Exceeding any of these limits may cause permanent
damage to the chip.
The MA4SW424B-1 is a SP4T switch with an
integrated bias network which utilizes M/A-COM
Technology
Solutions
HMICTM
(Heterolithic
Microwave Integrated Circuit) process, US Patent
5,268,310. This process allows the incorporation
of silicon pedestals that form series and/or shunt
diodes or vias by imbedding them in a low loss,
low dispersion glass. By using small spacing
between elements, this combination of silicon
and glass gives HMIC devices exceptional low
loss and high isolation performance with
exceptional repeatability through lower millimeter
frequencies. Five, 4.5 X 5.5 mil, RF bond pads
facilitate the use of low inductance ribbon bonds,
while gold backside metallization allows for
manual
or
automatic
chip
bonding
using
electrically conductive silver epoxy. Each RF
bond pad has an adjacent tuning pad. The user
can use bias and add the appropriate wire or
ribbon (inductance) to optimize the RF match and
performance for the particular frequency of
interest.
Description
Applications
The MA4SW424B-1 SP4T, switch is designed for
24
GHz
automotive
switching
applications.
Insertion loss is achieved with +12 mA @ +4 V and
isolation is achieved with 0V D.C. bias. The RF
bias network is integrated into the HMIC switch for
ease of use and space considerations
.
Parameter
Absolute Maximum
Forward Current
+40mA
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Junction Temperature
+175°C
RF Incident Power @ +20mA
30 dBm
Gold bond pads are shown here in yellow.


Similar Part No. - MA4SW424B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
Monolithic SP4T PIN Diode Switch With Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
More results

Similar Description - MA4SW424B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
SP4T PIN Diode with Integrated Bias Network
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
Monolithic SP4T PIN Diode Switch With Integrated Bias Network
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
SP5T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
MA4SW424B MA-COM-MA4SW424B_15 Datasheet
447Kb / 6P
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
MASW-004102-12760 MA-COM-MASW-004102-12760_14 Datasheet
975Kb / 6P
Silicon SP4T PIN Diode Switch with Integrated Bias Network
MASW-005102-13600 MA-COM-MASW-005102-13600 Datasheet
720Kb / 6P
Silicon SP5T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com