Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J449 Datasheet(PDF) 3 Page - NEC

Part # J449
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

J449 Datasheet(HTML) 3 Page - NEC

  J449 Datasheet HTML 1Page - NEC J449 Datasheet HTML 2Page - NEC J449 Datasheet HTML 3Page - NEC J449 Datasheet HTML 4Page - NEC J449 Datasheet HTML 5Page - NEC J449 Datasheet HTML 6Page - NEC J449 Datasheet HTML 7Page - NEC J449 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SJ449
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
–0.1
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature - ˚C
0
20
0
20
40
60
80
100
120
140
160
20
40
60
80
100
40
60
80
100
120
140
160
35
30
25
20
15
10
5
–0.1
–1.0
–1.0
–10
–100
–10
–100
–1000
TC = 25 ˚C
Single Pulse
0
–10
–15
–20
–15
–1.0
–10
–100
Pulsed
–20
–5
0
1 ms
Power
Dissipation
Limited
RDS(on)
Limited
(at
V
GS
=
–20
V)
Pulsed
ID(DC)
10
ms
TA= –25 ˚C
25 ˚C
75 ˚C
125 ˚C
–5
–10
DC
100
ms
VGS= –20 V
–10 V
PW
=
100
s
–4
–8
–12
–16
VDS = –10 V
ID(pulse)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com