Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J449 Datasheet(PDF) 4 Page - NEC

Part # J449
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

J449 Datasheet(HTML) 4 Page - NEC

  J449 Datasheet HTML 1Page - NEC J449 Datasheet HTML 2Page - NEC J449 Datasheet HTML 3Page - NEC J449 Datasheet HTML 4Page - NEC J449 Datasheet HTML 5Page - NEC J449 Datasheet HTML 6Page - NEC J449 Datasheet HTML 7Page - NEC J449 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ449
4
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
–5
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
ID - Drain Current - A
0.5
–1.0
10
0.001
0.01
0.1
1
100
1 000
1 m
10 m
100 m
1
10
100
1 000
10
100
VDS = –10 V
Pulsed
–1.0
1.0
10
100
–10
–100
0.5
1.5
–10
–15
Pulsed
1.0
–10
–100
Pulsed
Single Pulse
0
1.5
–2.0
VDS = –10 V
ID = –1 mA
–4.0
–6.0
–8.0
–50
0
50
100
150
0
Rth(ch-a) = 62.5 ˚C/W
Rth(ch-c) = 3.57 ˚C/W
0.1
1.0
VGS = –10 V
–20 V
µµ
–0.1
ID = –6 A
–3 A
–1.2 A
TA = –25 ˚C
25 ˚C
75 ˚C
125 ˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com