Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J449 Datasheet(PDF) 2 Page - NEC

Part # J449
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

J449 Datasheet(HTML) 2 Page - NEC

  J449 Datasheet HTML 1Page - NEC J449 Datasheet HTML 2Page - NEC J449 Datasheet HTML 3Page - NEC J449 Datasheet HTML 4Page - NEC J449 Datasheet HTML 5Page - NEC J449 Datasheet HTML 6Page - NEC J449 Datasheet HTML 7Page - NEC J449 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ449
2
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-Resistance
RDS(on)
0.55
0.8
VGS = –10 V, ID = –3.0 A
Gate to Source Cutoff Voltage
VGS(off)
–4.0
–4.8
–5.5
VDS = –10 V, ID = –1 mA
Forward Transfer Admittance
| yfs |
2.0
3.5
VDS = –10 V, ID = –3.0 A
Drain Leakage Current
IDSS
–100
VDS = –250 V, VGS = 0
Gate to Source Leakage Current
IGSS
m100
VGS =
m30 V, VDS = 0
Input Capacitance
Ciss
1040
VDS = –10 V
Output Capacitance
Coss
360
VGS = 0
Reverse Transfer Capacitance
Crss
70
f = 1 MHz
Turn-On Delay Time
td(on)
24
ID = –3.0 A
Rise Time
tr
16
VGS(on) = –10 V
Turn-Off Delay Time
td(off)
47
VDD = –125 V
Fall Time
tf
14
RG = 10
Ω, RL = 42 Ω
Total Gate Charge
QG
23.1
ID = –6.0 A
Gate to Source Charge
QGS
7.1
VDD = –200 V
Gate to Drain Charge
QGD
12.9
VGS = –10 V
Body Diode Forward Voltage
VF(S-D)
0.92
IF = –6.0 A, VGS = 0
Reverse Recovery Time
trr
155
IF = –6.0 A, VGS = 0
Reverse Recovery Charge
Qrr
930
di/dt = 50 A/
µs
Test Circuit 1 Avalanche Capability
Test Circuit 2 Switching Time
RG = 25
Ω
50
Ω
PG
L
VDD
VGS = –20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
RG = 10
Ω
D.U.T.
PG.
0
t
RL
VDD
VGS
t = 1 s
Duty Cycle
≤ 1 %
ID
0
0
10 %
10 %
90 %
90 %
10 %
90 %
ID
VGS (on)
td (off)
td (on)
ton
toff
tf
tr
Test Circuit 3 Gate Charge
D.U.T.
RL
VDD
50
Ω
IG = –2 mA
PG.
VDD
VGS
RG
D.U.T.
VGS
Wave
Form
ID
Wave
Form
µ
UNIT
Ω
V
S
µA
nA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com