Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300LA20AP.. Datasheet(PDF) 4 Page - Littelfuse

Part # V300LA20AP..
Description  Radial Lead Varistors LA Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V300LA20AP.. Datasheet(HTML) 4 Page - Littelfuse

  V300LA20AP.. Datasheet HTML 1Page - Littelfuse V300LA20AP.. Datasheet HTML 2Page - Littelfuse V300LA20AP.. Datasheet HTML 3Page - Littelfuse V300LA20AP.. Datasheet HTML 4Page - Littelfuse V300LA20AP.. Datasheet HTML 5Page - Littelfuse V300LA20AP.. Datasheet HTML 6Page - Littelfuse V300LA20AP.. Datasheet HTML 7Page - Littelfuse V300LA20AP.. Datasheet HTML 8Page - Littelfuse V300LA20AP.. Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Radial Lead Varistors > LA Series
Should transients occur in rapid succession, the average
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications Table for the specific
Current Energy and Power Dissipation Ratings
Peak Pulse Current Test Waveform
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20µs Current Waveform:
8s = T1 = Virtual Front Time
20 s = T2 = Virtual Time to Half Value
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
µs Current Waveform:
8µs = T
1 = Rise Time
20µs = T
2 = Decay Time
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110
120130 140150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
Figure 1A - Power Derating for Epoxy Coated
Figure 2
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110 120130 140150
AMBIENTTEMPERATURE ( oC)
device. The operating values of a MOV need to be derated
at high temperatures as shown above. Because varistors
only dissipate a relatively small amount of average power
they are not suitable for repetitive applications that involve
substantial amounts of average power dissipation.
Figure 1B - Power Derating for Phenolic Coated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com