Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300LA20AP.. Datasheet(PDF) 7 Page - Littelfuse

Part # V300LA20AP..
Description  Radial Lead Varistors LA Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V300LA20AP.. Datasheet(HTML) 7 Page - Littelfuse

Back Button V300LA20AP.. Datasheet HTML 3Page - Littelfuse V300LA20AP.. Datasheet HTML 4Page - Littelfuse V300LA20AP.. Datasheet HTML 5Page - Littelfuse V300LA20AP.. Datasheet HTML 6Page - Littelfuse V300LA20AP.. Datasheet HTML 7Page - Littelfuse V300LA20AP.. Datasheet HTML 8Page - Littelfuse V300LA20AP.. Datasheet HTML 9Page - Littelfuse V300LA20AP.. Datasheet HTML 10Page - Littelfuse V300LA20AP.. Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Radial Lead Varistors > LA Series
Maximum Clamping Voltage for 14mm Parts
V130LA10A(P) - V320LA20A
TransientV-I Characteristics Curves
FIGURE 3. CLAMPING VOLTAGE FOR V130LA1(P) - V300LA2(P)
FIGURE 4. CLAMPING VOLTAGE FOR V130LA2(P) - V300LA4(P)
FIGURE 5. CLAMPING VOLTAGE FOR V320LA7(P) - V480LA7(P)
FIGURE 6. CLAMPING VOLTAGE FOR V130LA5(P) - V420LA10(P)
FIGURE 7. CLAMPING VOLTAGE FOR V300LA10(P) - V680LA10(P)
FIGURE 8. CLAMPING VOLTAGE FOR V130LA10A(P) - V320LA20A
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V150LA1(P)
V130LA1(P)
V300LA2(P)
V275LA2(P)
V250LA2(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55oC TO 85oC
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55oC TO 85oC
V300LA4(P)
V275LA4(P)
V250LA4(P)
V230LA4(P)
V130LA2(P)
V140LA2(P)
V150LA2(P)
V175LA2(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
TA = -55oC TO 85oC
320 TO 480VM(AC) RATING
V420LA7
(P)
V385LA7
(P)
V320LA7
(P)
V460LA7
(P)
V480LA7
(P)
10-3
10-2
10-1
100
101
102
104
103
5,000
3,000
2,000
1,000
500
PEAK AMPERES (A)
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V275LA10(P)
V250LA10(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
130 TO 420VM(AC) RATING
TA = -55oC TO 85oC
V230LA10(P)
V420LA10(P)
V175LA5(P)
V130LA5(P)
V140LA5(P)
V150LA5(P)
10-3
10-2
10-1
100
101
102
104
103
5,000
3,000
2,000
1,000
500
V575LA10(P)
V510LA10(P)
V480LA10(P)/
V460LA10(P)
V385LA10(P)
V300LA10(P)
V320LA10(P)
PEAK AMPERES (A)
V625LA10(P)
V660LA10(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
TA = -55oC TO 85oC
300 TO 680VM(AC) RATING
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V275LA20A(P)
V250LA20A(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
130 TO 320VM(AC) RATING
TA = -55oC TO 85oC
V230LA20A(P)
V175LA10A(P)
V130LA10A(P)
V140LA10A(P)
V150LA10A(P)
V320LA20A(P)
V300LA20A(P)
V680LA10(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V385LA20A(P)-
V1000LA80A(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V130LA20A(P)- V275LA40A(P)
FIGURE 11. CLAMPINGVOLTAGE FOR V130LA20B(P)- V275LA40(P)
FIGURE 12. CLAMPINGVOLTAGE FOR V140LA20A(P)- V230LA40A(P)
FIGURE 13. CLAMPINGVOLTAGE FOR V300LA40A- V1000LA160B
5,000
3,000
1,000
500
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
10-4
V1000LA80A(P)
V660LA50A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
385 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
700
V625LA40A(P)
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40A(P)
V250LA40A(P)
V150LA20A(P)
V130LA20A(P)
V175LA20A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40B(P)
V250LA40B(P)
V130LA20B(P)
V150LA20B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
500
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
1,000
103
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
140 TO 230VM(AC) RATING
TA = -55oC TO 85oC
300
V140LA20A(P)
V230LA40A(P)
5,000
3,000
1,000
500
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V625LA80B(P)
V660LA100B(P)
V1000LA160B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
300 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
V575LA80B(P)
V680LA80A(P)
V510LA80B(P)
V480LA80B(P)/
V460LA40B(P)
V680LA100B(P)
V420LA40B(P)
V385LA40B(P)
V320LA40B(P)
V300LA40A(P)
V575LA40A(P)
V510LA40A(P)
V480LA40A(P)/V460LA20A(P)
V420LA20A(P)
V385LA20A(P)
V385LA20A(P) V1000LA80A(P)
Transient V-I Characteristics Curves (Continued...)
Repetitive Surge Capability for 14mm Parts
V130LA10A(P) - V320LA20A(P)
FIGURE 14. SURGE CURRENT RATING CURVES FOR
V130LA1(P) - V480LA7(P)
FIGURE 15. SURGE CURRENT RATING CURVES FOR
V130LA5(P) - V680LA10(P)
FIGURE 16. SURGE CURRENT RATING CURVES FOR
V130LA10A(P) - V320LA20A(P)
FIGURE 17. SURGE CURRENT RATING CURVES FOR
V385LA20A(P) - V1000LA80A(P)
FIGURE 18. SURGE CURRENT RATING CURVES FOR
V130LA20A(P) - V320LA40B(P)
FIGURE 19. SURGE CURRENT RATING CURVES FOR
V385LA40B(P) - V1000LA160B(P)
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
MODEL SIZE 7mm
V130LA1(P) - V480LA7(P)
103
INDEFINITE
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 10mm
V130LA5(P) - V680LA10(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V130LA10A(P) - V320LA20A(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V385LA20A(P) - V1000LA80A(P)
103
INDEFINITE
1,000
102
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V130LA20A(P) - V320LA40B(P)
103
INDEFINITE
1,000
102
10
5,000
1
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V385LA40B(P) - V1000LA160B(P)
103
INDEFINITE
1,000
102
10
5,000
1
V385LA20A(P) - V1000LA80A(P)
FIGURE 14. SURGE CURRENT RATING CURVES FOR
V130LA1(P) - V480LA7(P)
FIGURE 15. SURGE CURRENT RATING CURVES FOR
V130LA5(P) - V680LA10(P)
FIGURE 16. SURGE CURRENT RATING CURVES FOR
V130LA10A(P) - V320LA20A(P)
FIGURE 17. SURGE CURRENT RATING CURVES FOR
V385LA20A(P) - V1000LA80A(P)
FIGURE 18. SURGE CURRENT RATING CURVES FOR
V130LA20A(P) - V320LA40B(P)
FIGURE 19. SURGE CURRENT RATING CURVES FOR
V385LA40B(P) - V1000LA160B(P)
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
MODEL SIZE 7mm
V130LA1(P) - V480LA7(P)
103
INDEFINITE
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 10mm
V130LA5(P) - V680LA10(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V130LA10A(P) - V320LA20A(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V385LA20A(P) - V1000LA80A(P)
103
INDEFINITE
1,000
102
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V130LA20A(P) - V320LA40B(P)
103
INDEFINITE
1,000
102
10
5,000
1
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V385LA40B(P) - V1000LA160B(P)
103
INDEFINITE
1,000
102
10
5,000
1
Pulse Rating Curves (Continued...)
Figure 10
Figure 11
Figure 12
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com