Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300LA20AP.. Datasheet(PDF) 8 Page - Littelfuse

Part # V300LA20AP..
Description  Radial Lead Varistors LA Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V300LA20AP.. Datasheet(HTML) 8 Page - Littelfuse

Back Button V300LA20AP.. Datasheet HTML 4Page - Littelfuse V300LA20AP.. Datasheet HTML 5Page - Littelfuse V300LA20AP.. Datasheet HTML 6Page - Littelfuse V300LA20AP.. Datasheet HTML 7Page - Littelfuse V300LA20AP.. Datasheet HTML 8Page - Littelfuse V300LA20AP.. Datasheet HTML 9Page - Littelfuse V300LA20AP.. Datasheet HTML 10Page - Littelfuse V300LA20AP.. Datasheet HTML 11Page - Littelfuse V300LA20AP.. Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Radial Lead Varistors > LA Series
Maximum Clamping Voltage for 20mm Parts
FIGURE 9. CLAMPINGVOLTAGE FOR V385LA20A(P)-
V1000LA80A(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V130LA20A(P)- V275LA40A(P)
FIGURE 11. CLAMPINGVOLTAGE FOR V130LA20B(P)- V275LA40(P)
FIGURE 12. CLAMPINGVOLTAGE FOR V140LA20A(P)- V230LA40A(P)
FIGURE 13. CLAMPINGVOLTAGE FOR V300LA40A- V1000LA160B
5,000
3,000
1,000
500
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
10-4
V1000LA80A(P)
V660LA50A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
385 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
700
V625LA40A(P)
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40A(P)
V250LA40A(P)
V150LA20A(P)
V130LA20A(P)
V175LA20A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40B(P)
V250LA40B(P)
V130LA20B(P)
V150LA20B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
500
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
1,000
103
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
140 TO 230VM(AC) RATING
TA = -55oC TO 85oC
300
V140LA20A(P)
V230LA40A(P)
5,000
3,000
1,000
500
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V625LA80B(P)
V660LA100B(P)
V1000LA160B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
300 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
V575LA80B(P)
V680LA80A(P)
V510LA80B(P)
V480LA80B(P)/
V460LA40B(P)
V680LA100B(P)
V420LA40B(P)
V385LA40B(P)
V320LA40B(P)
V300LA40A(P)
V575LA40A(P)
V510LA40A(P)
V480LA40A(P)/V460LA20A(P)
V420LA20A(P)
V385LA20A(P)
V300LA40A - V1000LA160B
Transient V-I Characteristics Curves (Continued...)
Repetitive Surge Capability for 20mm Parts
V130LA20A(P) - V320LA40B(P)
FIGURE 14. SURGE CURRENT RATING CURVES FOR
V130LA1(P) - V480LA7(P)
FIGURE 15. SURGE CURRENT RATING CURVES FOR
V130LA5(P) - V680LA10(P)
FIGURE 16. SURGE CURRENT RATING CURVES FOR
V130LA10A(P) - V320LA20A(P)
FIGURE 17. SURGE CURRENT RATING CURVES FOR
V385LA20A(P) - V1000LA80A(P)
FIGURE 18. SURGE CURRENT RATING CURVES FOR
V130LA20A(P) - V320LA40B(P)
FIGURE 19. SURGE CURRENT RATING CURVES FOR
V385LA40B(P) - V1000LA160B(P)
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
MODEL SIZE 7mm
V130LA1(P) - V480LA7(P)
103
INDEFINITE
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 10mm
V130LA5(P) - V680LA10(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V130LA10A(P) - V320LA20A(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V385LA20A(P) - V1000LA80A(P)
103
INDEFINITE
1,000
102
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V130LA20A(P) - V320LA40B(P)
103
INDEFINITE
1,000
102
10
5,000
1
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V385LA40B(P) - V1000LA160B(P)
103
INDEFINITE
1,000
102
10
5,000
1
Pulse Rating Curves (Continued...)
V385LA40B(P) - V1000LA160B(P)
FIGURE 14. SURGE CURRENT RATING CURVES FOR
V130LA1(P) - V480LA7(P)
FIGURE 15. SURGE CURRENT RATING CURVES FOR
V130LA5(P) - V680LA10(P)
FIGURE 16. SURGE CURRENT RATING CURVES FOR
V130LA10A(P) - V320LA20A(P)
FIGURE 17. SURGE CURRENT RATING CURVES FOR
V385LA20A(P) - V1000LA80A(P)
FIGURE 18. SURGE CURRENT RATING CURVES FOR
V130LA20A(P) - V320LA40B(P)
FIGURE 19. SURGE CURRENT RATING CURVES FOR
V385LA40B(P) - V1000LA160B(P)
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
MODEL SIZE 7mm
V130LA1(P) - V480LA7(P)
103
INDEFINITE
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 10mm
V130LA5(P) - V680LA10(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V130LA10A(P) - V320LA20A(P)
103
INDEFINITE
1,000
102
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
MODEL SIZE 14mm
V385LA20A(P) - V1000LA80A(P)
103
INDEFINITE
1,000
102
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V130LA20A(P) - V320LA40B(P)
103
INDEFINITE
1,000
102
10
5,000
1
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
104
105
106
MODEL SIZE 20mm
V385LA40B(P) - V1000LA160B(P)
103
INDEFINITE
1,000
102
10
5,000
1
NOTE: If pulse ratings are exceeded, a shift of V
N(DC) (at specified current) of more than
+/-10% could result. This type of shift, which normally results in a decrease of V
N(DC), may
result in the device not meeting the original published specifications, but does not prevent
the device from continuing to function, and to provide ample protection.
V130LA20A(P) - V275LA40A(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V385LA20A(P)-
V1000LA80A(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V130LA20A(P)- V275LA40A(P)
FIGURE 11. CLAMPINGVOLTAGE FOR V130LA20B(P)- V275LA40(P)
FIGURE 12. CLAMPINGVOLTAGE FOR V140LA20A(P)- V230LA40A(P)
FIGURE 13. CLAMPINGVOLTAGE FOR V300LA40A- V1000LA160B
5,000
3,000
1,000
500
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
10-4
V1000LA80A(P)
V660LA50A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
385 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
700
V625LA40A(P)
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40A(P)
V250LA40A(P)
V150LA20A(P)
V130LA20A(P)
V175LA20A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40B(P)
V250LA40B(P)
V130LA20B(P)
V150LA20B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
500
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
1,000
103
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
140 TO 230VM(AC) RATING
TA = -55oC TO 85oC
300
V140LA20A(P)
V230LA40A(P)
5,000
3,000
1,000
500
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V625LA80B(P)
V660LA100B(P)
V1000LA160B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
300 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
V575LA80B(P)
V680LA80A(P)
V510LA80B(P)
V480LA80B(P)/
V460LA40B(P)
V680LA100B(P)
V420LA40B(P)
V385LA40B(P)
V320LA40B(P)
V300LA40A(P)
V575LA40A(P)
V510LA40A(P)
V480LA40A(P)/V460LA20A(P)
V420LA20A(P)
V385LA20A(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V385LA20A(P)-
V1000LA80A(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V130LA20A(P)- V275LA40A(P)
FIGURE 11. CLAMPINGVOLTAGE FOR V130LA20B(P)- V275LA40(P)
FIGURE 12. CLAMPINGVOLTAGE FOR V140LA20A(P)- V230LA40A(P)
FIGURE 13. CLAMPINGVOLTAGE FOR V300LA40A- V1000LA160B
5,000
3,000
1,000
500
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
10-4
V1000LA80A(P)
V660LA50A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
385 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
700
V625LA40A(P)
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40A(P)
V250LA40A(P)
V150LA20A(P)
V130LA20A(P)
V175LA20A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40B(P)
V250LA40B(P)
V130LA20B(P)
V150LA20B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
500
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
1,000
103
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
140 TO 230VM(AC) RATING
TA = -55oC TO 85oC
300
V140LA20A(P)
V230LA40A(P)
5,000
3,000
1,000
500
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V625LA80B(P)
V660LA100B(P)
V1000LA160B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
300 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
V575LA80B(P)
V680LA80A(P)
V510LA80B(P)
V480LA80B(P)/
V460LA40B(P)
V680LA100B(P)
V420LA40B(P)
V385LA40B(P)
V320LA40B(P)
V300LA40A(P)
V575LA40A(P)
V510LA40A(P)
V480LA40A(P)/V460LA20A(P)
V420LA20A(P)
V385LA20A(P)
V130LA20B(P) - V275LA40(P)
V130LA20A(P) - V275LA40A(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V385LA20A(P)-
V1000LA80A(P)
FIGURE 10.CLAMPINGVOLTAGE FOR V130LA20A(P)- V275LA40A(P)
FIGURE 11. CLAMPINGVOLTAGE FOR V130LA20B(P)- V275LA40(P)
FIGURE 12. CLAMPINGVOLTAGE FOR V140LA20A(P)- V230LA40A(P)
FIGURE 13. CLAMPINGVOLTAGE FOR V300LA40A- V1000LA160B
5,000
3,000
1,000
500
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
10-4
V1000LA80A(P)
V660LA50A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
385 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
700
V625LA40A(P)
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40A(P)
V250LA40A(P)
V150LA20A(P)
V130LA20A(P)
V175LA20A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40B(P)
V250LA40B(P)
V130LA20B(P)
V150LA20B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55oC TO 85oC
3,000
2,000
500
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
1,000
103
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
140 TO 230VM(AC) RATING
TA = -55oC TO 85oC
300
V140LA20A(P)
V230LA40A(P)
5,000
3,000
1,000
500
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V625LA80B(P)
V660LA100B(P)
V1000LA160B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
300 TO 1000VM(AC) RATING
TA = -55oC TO 85oC
V575LA80B(P)
V680LA80A(P)
V510LA80B(P)
V480LA80B(P)/
V460LA40B(P)
V680LA100B(P)
V420LA40B(P)
V385LA40B(P)
V320LA40B(P)
V300LA40A(P)
V575LA40A(P)
V510LA40A(P)
V480LA40A(P)/V460LA20A(P)
V420LA20A(P)
V385LA20A(P)
Figure 14
Figure 15
Figure 16
Figure 17
Figure 18
Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com