Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7980 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7980
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7980 Datasheet HTML 13Page - Analog Devices AD7980 Datasheet HTML 14Page - Analog Devices AD7980 Datasheet HTML 15Page - Analog Devices AD7980 Datasheet HTML 16Page - Analog Devices AD7980 Datasheet HTML 17Page - Analog Devices AD7980 Datasheet HTML 18Page - Analog Devices AD7980 Datasheet HTML 19Page - Analog Devices AD7980 Datasheet HTML 20Page - Analog Devices AD7980 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD7625
Rev. A | Page 17 of 24
VOLTAGE REFERENCE OPTIONS
The AD7625 allows flexible options for creating and buffering
the reference voltage. The AD7625 conversions refer to 4.096 V
only. The various options creating this 4.096 V reference are
controlled by the EN1 and EN0 pins (see Table 8).
Table 8. Voltage Reference Options1
Option
EN1
EN0
Reference Mode
A
1
1
Use internal reference and internal
reference buffer (both are enabled).
B
0
1
Use external 1.2 V reference with
internal reference buffer enabled.
The internal reference is disabled.
C
1
0
Use external 4.096 V reference with
an external reference buffer. The
internal reference and reference
buffer are disabled.
1 EN1 = 0 and EN0 = 0 is an illegal state.
10µF
ADR434
ADR444
REF
IN+
AD7625
V+
REFIN
10µF
ADR280
V+
V–
V+
SETTING EN1 = 1 AND EN0 = 0
DISABLES THE INTERNAL REFERENCE
AND REFERENCE BUFFER. CONNECT THE
BUFFERED 4.096V SIGNAL TO
THE REF PIN.
SETTING EN1 = 1 AND EN0 = 1 ENABLES THE INTERNAL
REFERENCE AND REFERENCE BUFFER. DECOUPLE
THE REF AND REFIN PINS EXTERNALLY.
IN–
B
C
A
SETTING EN1 = 0 AND EN0 = 1
DISABLES THE INTERNAL REFERENCE
AND ENABLES THE INTERNAL REFERENCE BUFFER.
CONNECT A 1.2V REFERENCE TO THE REFIN PIN. THE 1.2V
APPLIED TO THE REFIN PIN IS BUFFERED INTERNALLY
TO CREATE A 4.096V REFERENCE FOR THE ADC.
Figure 25. Voltage Reference Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com