Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7980 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7980
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 3 Page - Analog Devices

  AD7980 Datasheet HTML 1Page - Analog Devices AD7980 Datasheet HTML 2Page - Analog Devices AD7980 Datasheet HTML 3Page - Analog Devices AD7980 Datasheet HTML 4Page - Analog Devices AD7980 Datasheet HTML 5Page - Analog Devices AD7980 Datasheet HTML 6Page - Analog Devices AD7980 Datasheet HTML 7Page - Analog Devices AD7980 Datasheet HTML 8Page - Analog Devices AD7980 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD7625
Rev. A | Page 3 of 24
SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.5 V; REF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
V
IN+ − VIN−
−V
REF
+V
REF
V
Operating Input Voltage
V
IN+, VIN− to GND
−0.1
V
REF + 0.1
V
Common-Mode Input Range
V
REF/2 − 0.05
V
REF/2
V
REF/2 + 0.05
V
Common-Mode Rejection Ratio
f
IN = 1 MHz
60
dB
Input Current
Midscale input
77
µA
THROUGHPUT
Complete Cycle
166
ns
Throughput Rate
0.1
6
MSPS
DC ACCURACY
Integral Linearity Error
−1
±0.45
+1
LSB
No Missing Codes
16
Bits
Differential Linearity Error
−0.5
±0.3
+0.5
LSB
Transition Noise
0.6
LSB
Zero Error
T
MIN to TMAX
−4
±1.5
+4
LSB
Zero Error Drift
0.5
ppm/°C
Gain Error
T
MIN to TMAX
8
20
LSB
Gain Error Drift
0.4
ppm/°C
Power Supply Sensitivity1
VDD1 = 5 V ± 5%
0.4
LSB
VDD2 = 2.5 V ± 5%
0.2
LSB
AC ACCURACY
External Reference
f
IN = 20 kHz
Dynamic Range
92.5
93.2
dB
Signal-to-Noise Ratio
92
93
dB
Spurious-Free Dynamic Range
106
dB
Total Harmonic Distortion
−105.5
dB
Signal-to-(Noise + Distortion)
91.5
92
dB
Internal Reference
f
IN = 20 kHz
Dynamic Range
92.5
93.2
dB
Signal-to-Noise Ratio
91.5
92.9
dB
Spurious-Free Dynamic Range
106
dB
Total Harmonic Distortion
−105.5
dB
Signal-to-(Noise + Distortion)
91
92.5
dB
−3 dB Input Bandwidth
100
MHz
Aperture Jitter
0.25
ps rms
INTERNAL REFERENCE
Output Voltage
REFIN @ 25°C
1.2
V
Temperature Drift
−40°C to +85°C
±15
ppm/°C
REFERENCE BUFFER
REFIN Input Voltage Range
1.2
V
REF Output Voltage Range
4.076
4.096
4.116
V
Line Regulation
VDD1 ± 5%, VDD2 ± 5%
5
mV
EXTERNAL REFERENCE
Voltage Range
REF
4.096
V
VCM PIN
@ 25°C
Output Voltage
REF/2
V
Output Impedance
4
5
6
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com