Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7980 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7980
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7980 Datasheet HTML 16Page - Analog Devices AD7980 Datasheet HTML 17Page - Analog Devices AD7980 Datasheet HTML 18Page - Analog Devices AD7980 Datasheet HTML 19Page - Analog Devices AD7980 Datasheet HTML 20Page - Analog Devices AD7980 Datasheet HTML 21Page - Analog Devices AD7980 Datasheet HTML 22Page - Analog Devices AD7980 Datasheet HTML 23Page - Analog Devices AD7980 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7625
Data Sheet
Rev. A | Page 20 of 24
Self-Clocked Interface Mode
The digital operation of the AD7625 in self-clocked interface
mode is shown in Figure 30. This interface mode reduces the
number of wires between ADCs and the digital host to two LVDS
pairs per AD7625 (CLK± and D±) or to a single pair if sharing a
common CLK± using multiple AD7625 devices. Self-clocked
interface mode facilitates the design of boards that use multiple
AD7625 devices. The digital host can adapt the interfacing
scheme to account for differing propagation delays between
each AD7625 device and the digital host.
The self-clocked interface mode consists of preceding the results
of each ADC word with a 2-bit header on the data, D±. This
header is used to synchronize D± of each conversion in the
digital host. Synchronization is accomplished by one simple
state machine per AD7625 device. For example, if the state
machine is running at the same speed as CLK± with three
phases, the state machine measures when the Logic 1 of the
header occurs.
Conversions are initiated by a CNV± pulse. The CNV± pulse
must be returned low (≤tCNVH maximum) for valid operation.
After a conversion begins, it continues until completion. Addi-
tional CNV± pulses are ignored during the conversion phase.
After the time tMSB elapses, the host should begin to burst the
CLK±. Note that tMSB is the maximum time for the first bit of
the header and should be used as the gating device for CLK±.
CLK± is also used internally on the host to begin the internal
synchronization state machine. The next header bit and conversion
results are output on subsequent falling edges of CLK±. The
only requirement is that the 18 CLK± pulses finish before the
time tCLKL elapses for the next conversion phase or the data is
lost. Set CLK± to idle high between bursts of 18 CLK± pulses.
CLK+
18
17
1
4
2
1
2
3
tCLKL
D+
D–
CLK–
D0
N – 1
D1
N – 1
ACQUISITION
ACQUISITION
ACQUISITION
tCLKD
tCLK
tMSB
18
17
3
D15
N
D14
N
D1
N
0
0
1
D0
N
D15
N + 1
0
0
1
tCYC
CNV+
tCNVH
SAMPLE N
SAMPLE N + 1
CNV–
tACQ
Figure 30. Self-Clocked Interface Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com