Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3HT-201 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3HT-201
Description  3mm (T1) Package Discrete LED RED, Extended Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3HT-201 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3HT-201 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B 04/09
Page 3 of 5
Bivar reserves the right to make changes at any time without notice.
3mm (T1) Package Discrete LEDs
AMBER, Super Bright
3mm (T1) Package Discrete LEDs
AMBER, Super Bright
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Power Dissipation
80 mW
Forward Current ( DC )
30 mA
Peak Forward Current 1
150 mA
Reverse Voltage
5 V
Operating Temperature Range
-25 ~ +85°C
Storage Temperature Range
-30 ~ +100°C
Lead Soldering Temperature ( 3 mm from the base of the epoxy bulb ) 2
260°C
Notes: 1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
2. Solder time less than 5 seconds at temperature extreme.
Electrical / Optical Characteristics
TA = 25°C & IF = 20 mA unless otherwise noted
Notes: 1. Tolerance of forward voltage : ±0.05V.
2. Tolerance of dominant wavelength : ±1.0nm.
3mm (T1) Package Discrete LED
AMBER, Super Bright
3mm (T1) Package Discrete LED
GREEN, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Ultra Bright
3mm (T1) Package Discrete LED
TURQUOISE, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Low Current
3mm (T1) Package Discrete LED
GREEN, Low Current
3mm (T1) Package Discrete LED
YELLOW, Low Current
3mm (T1) Package Discrete LED
AMBER, 5V
3mm (T1) Package Discrete LED
GREEN, 12V
3mm (T1) Package Discrete LED
BLUE, Extended Profile
3mm (T1) Package Discrete LED
GREEN, Extended Profile
Part Number
Forward
Voltage (V)1
Recommend
Forward
Current (mA)
Reverse
Current
(μA)
Dominant
Wavelength (nm)2
Luminous
Intensity Iv (mcd)
Viewing
Angle
2 Ө ½
(deg)
MIN TYP MAX MIN TYP MAX
MAX
MIN
TYP MAX MIN
TYP MAX
TYP
3HC-201
/
2.0
2.8
/
20
/
100
/
/
/
/
50
/
20
3HD-201
/
/
/
/
30
/
35
3HT-201
/
/
/
/
50
/
20
3HC-201-S
/
2.0
2.8
/
20
/
/
/
/
/
50
/
20
3HD-201-S
/
/
/
/
30
/
35
3HT-201-S
/
/
/
/
50
/
20
100
3mm (T1) Package Discrete LED
YELLOW, Extended Profile
3mm (T1) Package Discrete LED
AMBER, Extended Profile
3mm (T1) Package Discrete LED
RED, Extended Profile



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com