Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3HT-201 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 3HT-201
Description  3mm (T1) Package Discrete LED RED, Extended Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3HT-201 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  3HT-201 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Rev. A 01/16/08
Page 4 of 4
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B 04/09
Page 5 of 5
Recommended Soldering Conditions
Packaging and Labeling Plan
AntiStatic Poly Bag with Desiccant
(500 pcs Max. per Bag)
Bivar reserves the right to make changes at any time without notice.
Preheat Temperature: 100ºC Max.
Peak Temperature: 260ºC Max.
Preheat Time: 20 ~ 50 Seconds
Solder Time Above 217ºC: 5 Seconds Max.
Note: Turn off top heater at preheat to prevent the lamp body directly exposed to the heat source.
Recommended Lead Free Wave Soldering Profile
3mm (T1) Package Discrete LEDs
AMBER, Super Bright
3mm (T1) Package Discrete LED
AMBER, Super Bright
3mm (T1) Package Discrete LED
GREEN, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Ultra Bright
3mm (T1) Package Discrete LED
TURQUOISE, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Low Current
3mm (T1) Package Discrete LED
GREEN, Low Current
3mm (T1) Package Discrete LED
YELLOW, Low Current
3mm (T1) Package Discrete LED
AMBER, 5V
3mm (T1) Package Discrete LED
GREEN, 12V
3mm (T1) Package Discrete LED
BLUE, Extended Profile
3mm (T1) Package Discrete LED
GREEN, Extended Profile
3mm (T1) Package Discrete LED
YELLOW, Extended Profile
3mm (T1) Package Discrete LED
AMBER, Extended Profile
3mm (T1) Package Discrete LED
RED, Extended Profile



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com