Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3HT-201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3HT-201
Description  3mm (T1) Package Discrete LED RED, Extended Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3HT-201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3HT-201 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3HT-201 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B 04/09
Page 1 of 5
3HX-201-X
♦
Industry Standard 3mm (T1) Package
♦
RoHS Compliant
♦
Water Clear (C), Diffused (D), and Tinted (T) Lenses
♦
Available in Standard (Blank) and Shouldered (S) Lead
Frame styles
♦
Ideal for Status Indication and Display
3mm (T1) Package Discrete LED
AMBER
Part Number
Material
Emitted Color
Peak. Wavelength
λp(nm) TYP.
Lens Appearance
Viewing Angle
3HC-201
GaAsP/GaP
RED
625nm
Water Clear
20°
3HD-201
Red Diffused
35°
3HT-201
Red Tinted
20°
3HC-201-S
Water Clear
20°
3HD-201-S
Red Diffused
35°
3HT-201-S
Red Tinted
20°
3mm (T1) Package Discrete LED
AMBER, Super Bright
B
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 1
3mm (T1) Package Discrete LED
GREEN, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Ultra Bright
3mm (T1) Package Discrete LED
TURQUOISE, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Low Current
3mm (T1) Package Discrete LED
YELLOW, Low Current
3mm (T1) Package Discrete LED
AMBER, 5V
Part Number Designation
3mm (T1) Package Discrete LED
GREEN, 12V
3mm (T1) Package Discrete LED
RED, Extended Profile
3mm (T1) Package Discrete LED
RED, Extended Profile
Bivar 3mm T1 Package Extended Profile LED may be used in almost any application and provides ad-
ditional protrusion for those applications with thicker face plates. Bivar offers water clear LED lens for
maximum light output, diffused LED lens for uniform light output, and tinted lens to identify the color of
the LED. The Standard Lead frame LED is ideal for vertical spacer assemblies without lead bends and
the Shouldered Lead frame LED has a built in strain relief feature which is ideal for Right Angle Holder
assemblies that require lead bends. A long lead version is also available with a “-LL” suffix added to
the part numbers.
3 X X - 2 0 1 - X
LED Body, mm
Lens Appearance
Emitted Color
Extended Profile
Lead Frame & Body Style
i.e. -S, Blank for Standard


Similar Part No. - 3HT-201

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3HT-F BIVAR-3HT-F Datasheet
432Kb / 5P
3mm (T1) Package Discrete LED AMB
Revision C 06/15
3HT-S BIVAR-3HT-S Datasheet
432Kb / 5P
3mm (T1) Package Discrete LED AMB
Revision C 06/15
3HT-S BIVAR-3HT-S Datasheet
487Kb / 4P
STD PANEL MOUNT INDICATORS W/ WIRES
02/05/08
More results

Similar Description - 3HT-201

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3BC-3-CA-F BIVAR-3BC-3-CA-F Datasheet
585Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision A 03/08
3BC-3-RY-F BIVAR-3BC-3-RY-F Datasheet
519Kb / 6P
3mm (T1) Package Discrete LED RED/YELLOW, Tri-Color
Revision A 03/08
3BC-X BIVAR-3BC-X Datasheet
575Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision C 02/11
3RDL-X BIVAR-3RDL-X Datasheet
423Kb / 5P
3mm (T1) Package Discrete LED RED, Low Current
Revision C 06/15
3RX-X BIVAR-3RX-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED
Revision D 08/19
3RX5V-X BIVAR-3RX5V-X Datasheet
425Kb / 5P
3mm (T1) Package Discrete LED RED, 5V
Revision B 06/15
3SBCC-X BIVAR-3SBCC-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision D 08/19
3SRX-X BIVAR-3SRX-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED, Super Bright
Revision D 08/19
3SURC-X BIVAR-3SURC-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED, Ultra Bright
Revision B 04/09
3URC-X BIVAR-3URC-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED, Ultra Bright
Revision D 08/19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com