Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SQC
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SQC Datasheet HTML 1Page - List of Unclassifed Manufacturers SQC Datasheet HTML 2Page - List of Unclassifed Manufacturers SQC Datasheet HTML 3Page - List of Unclassifed Manufacturers SQC Datasheet HTML 4Page - List of Unclassifed Manufacturers SQC Datasheet HTML 5Page - List of Unclassifed Manufacturers SQC Datasheet HTML 6Page - List of Unclassifed Manufacturers SQC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD Wire Wound Ferrite Chip Inductors – SQC Series
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
D.C. Resistance
(Ω) Max
SRF
(MHz) Min
Rated current
(mA)
SQC321618T-R12□-N
0.12
20
1
0.112
250
970
SQC321618T-R22□-N
0.22
20
1
0.140
250
850
SQC321618T-R47□-N
0.47
20
1
0.210
180
700
SQC321618T-1R0□-N
1.0
20
1
0.364
100
510
SQC321618T-2R2□-N
2.2
20
1
0.533
50
430
SQC321618T-4R7□-N
4.7
20 / 10
1
0.845
31
340
SQC321618T-100□-N
10
10 / 5
1
1.690
20
230
SQC321618T-220□-N
22
10 / 5
1
3.900
14
160
SQC321618T-470□-N
47
10 / 5
1
10.40
10
100
SQC321618T-101□-N
100
10 / 5
1
15.60
7
80
 When ordering, please specify tolerance and packaging codes
 Rated Current: Self temperature rise shall be limited to 35
Max. Inductance drop
℃
10% typ.
 Tolerance : J = ±5% , K = ±10% , M = ±20%
 Operating temp: -25℃~125℃ (Including self - temperature rise )
 Soldering Heat: 260
10 seconds after 150
preheat cycle for 4 minutes
℃℃
 Test Equipment: L: HP4192A. LF Impedance Analyzer
SRF: HP4291A RF Impedance Analyzer
DCR: CH502BC
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
D.C. Resistance
(Ω±30%)
SRF
(MHz) Min
Rated current
(mA)
SQC322517T-2R2□-N
2.2
20
1
0.097
64
790
SQC322517T-3R3□-N
3.3
20
1
0.12
50
710
SQC322517T-6R8□-N
6.8
20
1
0.25
32
540
SQC322517T-100□-N
10
10,20
1
0.30
26
350
SQC322517T-220□-N
22
10,20
1
0.71
19
250
SQC322517T-101□-N
100
10,20
1
3.50
10
100
 When ordering, please specify tolerance and packaging codes
 Rated Current: Inductance drop 10% typ.
 Tolerance : K = ±10% , M = ±20%
 Operating temp: -25℃~125℃ (Including self - temperature rise )
 Soldering Heat: 260
10 seconds after 150
preheat cycle for 4 minutes
℃℃
 Test Equipment: L: HP4284A
SRF: HP4287A
DCR: CH502BC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com