Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SQC
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SQC Datasheet HTML 1Page - List of Unclassifed Manufacturers SQC Datasheet HTML 2Page - List of Unclassifed Manufacturers SQC Datasheet HTML 3Page - List of Unclassifed Manufacturers SQC Datasheet HTML 4Page - List of Unclassifed Manufacturers SQC Datasheet HTML 5Page - List of Unclassifed Manufacturers SQC Datasheet HTML 6Page - List of Unclassifed Manufacturers SQC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMD Wire Wound Ferrite Chip Inductors – SQC Series
Electrical Characteristics (LOW DCR Type)
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
D.C. Resistance
(Ω±30%)
SRF
(MHz) Min
Rated current
(mA)
SQC322520LT-R15□-N
0.15
20
1
0.028
400
1450
SQC322520LT-R27□-N
0.27
20
1
0.034
250
1250
SQC322520LT-R47□-N
0.47
20
1
0.042
150
1100
SQC322520LT-1R0□-N
1.0
20
1
0.060
100
1000
SQC322520LT-2R2□-N
2.2
20
1
0.097
64
790
SQC322520LT-4R7□-N
4.7
20
1
0.15
43
650
SQC322520LT-100□-N
10
20 / 10
1
0.30
26
450
 When ordering, please specify tolerance and packaging codes
 Rated Current: Self temperature rise shall be limited to 35
Max. Inductance drop
℃
10% typ.
 Tolerance : K = ±10% , M = ±20%
 Operating temp: -25℃~125℃ (Including self - temperature rise )
 Soldering Heat: 260
10 seconds after 150
preheat cycle for 4 minutes
℃℃
 Test Equipment: L: HP4192A. LF Impedance Analyzer
SRF: HP4291A RF Impedance Analyzer
DCR: CH502BC
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
D.C. Resistance
(Ω) Max
SRF
(MHz) Min
Rated current
(mA)
SQC453226T-1R0□-N
1.0
20
1
0.08
100
1080
SQC453226T-1R5□-N
1.5
20
1
0.09
85
1000
SQC453226T-2R2□-N
2.2
20
1
0.11
60
900
SQC453226T-3R3□-N
3.3
20
1
0.13
47
800
SQC453226T-4R7□-N
4.7
10 / 20
1
0.15
35
750
SQC453226T-6R8□-N
6.8
10 / 20
1
0.20
30
720
SQC453226T-100□-N
10
5 / 10
1
0.24
23
650
SQC453226T-150□-N
15
5 / 10
1
0.32
20
570
SQC453226T-220□-N
22
5 / 10
1
0.60
15
420
SQC453226T-330□-N
33
5 / 10
1
1.0
12
310
SQC453226T-470□-N
47
5 / 10
1
1.1
10
280
SQC453226T-680□-N
68
5 / 10
1
1.7
8.4
220
SQC453226T-101□-N
100
5 / 10
1
2.2
6.8
190
SQC453226T-151□-N
150
5 / 10
1
3.5
5.5
130
SQC453226T-221□-N
220
5 / 10
1
4.0
4.5
110
SQC453226T-331□-N
330
5 / 10
1
6.8
3.6
100
SQC453226T-471□-N
470
5 / 10
0.001
8.5
3.0
90
 When ordering, please specify tolerance and packaging codes
 Rated Current: Self temperature rise shall be limited to 35
Max. Inductance drop
℃
10% typ.
 Tolerance : J = ±5% , K = ±10% , M = ±20%
 Operating temp: -25℃~125℃ (Including self - temperature rise )
 Soldering Heat: 260
10 seconds after 150
preheat cycle for
℃℃
4 minutes
 Test Equipment: L: HP4192A. LF Impedance Analyzer
SRF: HP4291A RF Impedance Analyzer
DCR: CH502BC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com