Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SQC
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SQC Datasheet HTML 1Page - List of Unclassifed Manufacturers SQC Datasheet HTML 2Page - List of Unclassifed Manufacturers SQC Datasheet HTML 3Page - List of Unclassifed Manufacturers SQC Datasheet HTML 4Page - List of Unclassifed Manufacturers SQC Datasheet HTML 5Page - List of Unclassifed Manufacturers SQC Datasheet HTML 6Page - List of Unclassifed Manufacturers SQC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMD Wire Wound Ferrite Chip Inductors – SQC Series
Electrical Characteristics
Part Number
Inductance
( uH )
Tolerance
(±%)
Test
Frequency
(MHz)
D.C. Resistance
(Ω) Max
SRF
(MHz) Min
Rated current
(mA)
SQC575047T-R12□-N
0.12
20
1
0.0098
450
6000
SQC575047T-R27□-N
0.27
20
1
0.0140
300
5300
SQC575047T-R47□-N
0.47
20
1
0.0182
200
4800
SQC575047T-1R0□-N
1.0
20
1
0.0270
150
4000
SQC575047T-1R5□-N
1.5
20
1
0.0310
110
3700
SQC575047T-2R2□-N
2.2
20
1
0.0410
80
3200
SQC575047T-3R3□-N
3.3
20
1
0.0500
40
2900
SQC575047T-4R7□-N
4.7
20
1
0.0574
30
2700
SQC575047T-6R8□-N
6.8
20
1
0.1040
25
2000
SQC575047T-100□-N
10
10 / 20
1
0.1300
20
1700
SQC575047T-150□-N
15
10 / 20
1
0.210
17
1400
SQC575047T-220□-N
22
10 / 20
1
0.266
15
1200
SQC575047T-330□-N
33
10 / 20
1
0.448
12
900
SQC575047T-470□-N
47
10 / 20
1
0.560
10
800
SQC575047T-680□-N
68
10 / 20
1
0.938
7.6
640
SQC575047T-101□-N
100
10 / 20
0.1
1.204
6.5
560
SQC575047T-151□-N
150
10 / 20
0.1
2.660
5.0
420
SQC575047T-221□-N
220
10 / 20
0.1
3.360
4.0
320
SQC575047T-331□-N
330
10 / 20
0.1
6.160
3.1
270
SQC575047T-471□-N
470
10 / 20
0.1
7.560
2.4
240
SQC575047T-681□-N
680
10 / 20
0.1
11.34
1.9
190
SQC575047T-102□-N
1000
10 / 20
0.01
14.42
1.7
150
SQC575047T-222□-N
2200
10 / 20
0.01
30.10
1.2
100
SQC575047T-472□-N
4700
10 / 20
0.01
61.04
0.8
70
SQC575047T-103□-N
10000
10 / 20
0.01
140.0
0.5
50
 When ordering, please specify tolerance and packaging codes
 Rated Current: Self temperature rise shall be limited to 35℃ Max. Inductance drop 10% typ.
 Tolerance : K = ±10% , M = ±20%
 Operating temp : -25℃~125℃ (Including self - temperature rise )
 Soldering Heat : 260℃ 10 seconds after 150℃ preheat cycle for 4 minutes.
 Test equipment: L:HP4192. LF Impedance Analyzer
SRF:HP4291A RF Impedance Analyzer
DCR:CH502BC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com