Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICASO Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PICASO Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 9Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 10Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 11Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 12Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 13Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 14Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 11 of 23
www.4dsystems.com.au
the IO4/BUS_RD or IO5/BUS_WR for read or write
respectively. For detailed usage refer to the
separate document titled:
'PICASO-4DGL-Internal-Functions.pdf'.
IO1-IO3 pins (3 x GPIO pins):
General purpose I/O pins. Each pin can be
individually set for INPUT or an OUTPUT. Power-
Up Reset default is all INPUTS.
IO4/BUS_RD pin (GPIO IO4 or BUS_RD pin):
General Purpose IO4 pin. Also used for BUS_RD
signal to read and latch the data in to the parallel
GPIO BUS0..BUS7.
IO5/BUS_WR pin (GPIO IO5 or BUS_WR pin):
General Purpose IO5 pin. Also used for BUS_WR
signal to write and latch the data to the parallel
GPIO BUS0..BUS7.
BUS0-BUS7 pins (GPIO 8-Bit Bus):
8-bit parallel General purpose I/O Bus.
Note: All GPIO pins are 5.0V tolerant.
System Pins
5.7.
VCC pins (Device Supply Voltage):
Device supply voltage pins. These pins must be
connected to a regulated supply voltage in the
range of 3.0 Volts to 3.6 Volts DC. Nominal
operating voltage is 3.3 Volts.
GND pins (Device Ground):
Device ground pins. These pins must be connected
to system ground.
RESET pin (Device Master Reset):
Device Master Reset pin. An active low pulse of
greater than 2 micro-seconds will reset the device.
Connect a resistor (1K through to 10K, nominal
4.7K) from this pin to VCC. Only use open collector
type circuits to reset the device if an external reset
is required. This pin is not driven low by any
internal conditions.
CLK1, CLK2 pins (Device Oscillator Inputs):
CLK1 and CLK2 are the device oscillator pins.
Connect a 12MHz AT strip cut crystal with 22pF
capacitors from each pin to GND as shown in the
diagram below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com