Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICASO Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button PICASO Datasheet HTML 12Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 13Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 14Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 15Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 16Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 17Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 18Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 19Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 16 of 23
www.4dsystems.com.au
10. Memory Cards - FAT16 Format
The PICASO Processor uses off the shelf standard
SDHC/SD/micro-SD memory cards with up to 2GB
capacity usable with
FAT16 formatting. For
any FAT file related
operations, before the
memory card can be
used it must first be
formatted with FAT16
option. The formatting of the card can be done on
any PC system with a card reader. Select the
appropriate drive and choose the FAT16 (or just
FAT in some systems) option when formatting. The
card is now ready to be used in the PICASO based
application.
The PICASO Processor also supports high capacity
HC memory cards (4GB and above). The available
capacity of SD-HC cards varies according to the
way the card is partitioned and the commands
used to access it.
The FAT partition is always first (if it exists) and can
be up to the maximum size permitted by FAT16.
Windows 7 will format FAT16 up to 4GB. Windows
XP will format FAT16 up to 2GB and the Windows
XP command prompt will format FAT16 up to 4GB.
11. Hardware Tools
The following hardware tools are required for full
control of the PICASO Processor.
4D Programming Cable
11.1.
The 4D Programming Cable is an essential
hardware tool to program, customise and test the
PICASO Processor.
The 4D Programming Cable is used to program a
new Firmware/PmmC and downloading compiled
4DGL code into the processor. It even serves as an
interface for communicating serial data to the PC.
The 4D Programming Cable is available from 4D
Systems, www.4dsystems.com.au
Evaluation Display Modules
11.2.
The following modules, available from 4D Systems,
can be used for evaluation purposes to discover
what the PICASO processor has to offer.
uLCD-24PTU – 2.4” Intelligent PICASO Display
Other modules, such as the 2.8”, 3.2” and 3.2”
Wide verisions are also available. Please contact
4D Systems for more information, or visit the 4D
Systems website, www.4dsystems.com.au



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com