Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICASO Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PICASO Datasheet HTML 1Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 2Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 3Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 4Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 5Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 6Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 3 of 23
www.4dsystems.com.au
1. Description
The PICASO Processor is a custom embedded 4DGL
graphics controller designed to interface with
many popular OLED and LCD display panels.
Powerful graphics, text, image, animation and
countless more features are built right inside the
chip. It offers a simple plug-n-play interface to
many 16-bit 80-Series colour LCD and OLED
displays.
The chip is designed to work with minimal design
effort and all of the data and control signals are
provided by the chip to interface directly to the
display. Simply choose your display and interface it
to the PICASO on your application board. This
offers enormous advantage to the designer in
development time and cost saving and takes away
all of the burden of low level design.
The PICASO belongs to a family of processors
powered by a highly optimised soft core virtual
engine, EVE (Extensible Virtual Engine). EVE is a
proprietary, high performance virtual processor
with an extensive byte-code instruction set
optimised to execute compiled 4DGL programs.
4DGL (4D Graphics Language) was specifically
developed from ground up for the EVE engine
core. It is a high level language which is easy to
learn and simple to understand yet powerful
enough to tackle many embedded graphics
applications.
The device offers modest but comprehensive I/O
features and can interface to I2C, serial, digital,
buttons, joystick and many more. Provision is also
made for a dedicated PWM audio output that
supports audio WAV files and complex sound
generation.
All of the display built-in driver libraries implement
and share the same high-level function interface.
This allows your GUI application to be portable to
different display controller types.
4D Systems software development IDE called
Workshop 4 is FREE and there are no licensing
requirements.
The PICASO Processor offers one of the most
flexible embedded graphics solutions available.
2. Features
•
Low-cost OLED, LCD and TFT display graphics
user interface solution.
•
Ideal as a standalone embedded graphics
processor or interface to any host controller as a
graphics co-processor.
•
Connect to any colour display that supports an
80-Series 16 bit wide CPU interface. All data and
control signals are provided.
•
Built in high performance virtual processor core
(EVE) with an extensive byte-code instruction
set optimised for 4DGL, the high level 4D
Graphics Language.
•
Comprehensive set of built in graphics and
multimedia services.
•
Display full colour images, animations, icons and
video clips.
•
14KB of Flash memory for user code storage
and 14KB of SRAM for user variables.
•
13 Digital I/O pins.
•
I2C interface (Master).
•
D0….D15, RD, WR, RS, CS – Display interface
•
FAT16 file services.
•
2 Asynchronous hardware serial ports with
Auto-Baud feature.
•
SPI interface support for SDHC/SD memory card
for multimedia storage and data logging
purposes (micro-SD with up to 2GB and SDHC
memory cards starting from 4GB and above).
•
4-Wire Resistive Touch panel interface.
•
Audio support for wave files and complex sound
generation with a dedicated 16-bit PWM audio
output.
•
8 x 16 bit timers with 1 millisecond resolution.
•
Single 3.3 Volt Supply @25mA typical.
•
Available in a 64 pin TQFP 10mm x 10mm
package.
•
RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com