Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 43 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 43 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 39Page - Active-Semi, Inc ACT8600 Datasheet HTML 40Page - Active-Semi, Inc ACT8600 Datasheet HTML 41Page - Active-Semi, Inc ACT8600 Datasheet HTML 42Page - Active-Semi, Inc ACT8600 Datasheet HTML 43Page - Active-Semi, Inc ACT8600 Datasheet HTML 44Page - Active-Semi, Inc ACT8600 Datasheet HTML 45Page - Active-Semi, Inc ACT8600 Datasheet HTML 46Page - Active-Semi, Inc ACT8600 Datasheet HTML 47Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 43 -
www.active-semi.com
General Description
When the system is acting as a USB OTG A-
device, the OTG subsystem can provide power to
VBUS from either 5VIN via Q1 or CHGIN via Q2 as
shown in the figure. If VBUS is connected to a
charger (either a charging port, a USB host or Hub,
or a PC), the battery will be charged via Q3 (see
Single-Cell Li+ ActivePathTM Charger section).
5VIN to VBUS (Q1)
Q1 is a PMOS switch that can provide 5V supply to
VBUS from 5VIN pin which is typically connected to
the output of the Boost regulator (REG4). Q1 is
controlled by ONQ1[ ].
The current for Q1 is limited at 700mA to protect the
Boost regulator or external source connected at
5VIN from overloaded. If the current across Q1 is
over the limitation for more than 256ms, the switch
is turned off automatically. A 0 to 1 transition on
ONQ1[ ] is needed to turned Q1 on again after a
over-current condition.
Q1 may optionally interrupt the processor when there
is a over-current condition. Enable interrupts by
setting the nFLTMSKQ1[ ] bit.
CHGIN to VBUS (Q2)
Q2 is a NMOS switch that can power VBUS from
CHGIN. If Q2 is controlled by ONQ2[ ] and can only
be turned on if Q1 is turned off.
The current for Q2 is limited at 700mA prevent the
external
source
connected
at
CHGIN
from
overloaded. If the current across Q2 is over the
limitation for more than 256ms, the switch is turned
off automatically. A 0 to 1 transition on ONQ2[ ] is
needed to turned Q2 on again after a over-current
condition.
Q2 also features an over voltage protection
function. When the voltage at CHGIN is above 6V,
Q2 is turned off automatically to avoid an over-
voltage condition at VBUS.
Q2 may optionally interrupt the processor when there
is a over-current condition. Enable interrupts by
setting the nFLTMSKQ2[ ] bit.
Figure 4:
USB OTG subsystem
USB OTG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com