Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4964 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 2Page - Diodes Incorporated AM4964 Datasheet HTML 3Page - Diodes Incorporated AM4964 Datasheet HTML 4Page - Diodes Incorporated AM4964 Datasheet HTML 5Page - Diodes Incorporated AM4964 Datasheet HTML 6Page - Diodes Incorporated AM4964 Datasheet HTML 7Page - Diodes Incorporated AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated AM4964 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
6 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Electrical Characteristics (@VCC=12V, TA=+25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ1
Quiescent Current
VCT=L
10.15
15
18.75
mA
IQ2
VCT=H
5.35
8
10.5
VSATH
Output Saturation Voltage at High
Side
ISOURCE=200mA
–
1.0
1.17
V
VSATL
Output Saturation Voltage at Low Side
ISINK=200mA
–
0.2
0.3
V
fPWM
CPWM Frequency
–
18
25
32
kHz
VCPWMH
CPWM High Level Voltage
–
3.40
–
3.8
V
VCPWML
CPWM Low Level Voltage
–
1.8
–
2.3
V
VCFH1
CF High Level Voltage
–
2.95
–
3.35
V
VCFH2
–
2.95
–
3.45
VCFL1
CF Low Level Voltage
–
2.35
–
2.85
V
VCFL2
–
1.75
–
2.25
VADJ1
RADJ Pin Voltage
–
3.65
–
4.15
V
VADJ2
–
3.75
–
4.25
VMIN
VMIN Voltage
–
2.48
–
3.22
V
VHB
Bias
–
1
–
1.5
V
VHYS
Hall Input Hysteresis
–
–
±10
±20
mV
VCTH
CT High Level Voltage
–
3.55
3.7
3.88
V
VCTL
CT Low Level Voltage
–
1.55
1.7
1.85
V
ICHG
CT Charge Current
–
1.15
2
3.55
µA
IDHG
CT Discharge Current
–
0.115
0.2
0.355
µA
RCD
CT Charge and Discharge Ratio
ICHG/IDHG
8.5
10
14.5
–
VFGL
FG Output Low Level Voltage
IFG=5mA
–
0.2
0.3
V
ILFG
FG Leakage Current
VFG=7V
–
–
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com