Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4964 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated AM4964 Datasheet HTML 10Page - Diodes Incorporated AM4964 Datasheet HTML 11Page - Diodes Incorporated AM4964 Datasheet HTML 12Page - Diodes Incorporated AM4964 Datasheet HTML 13Page - Diodes Incorporated AM4964 Datasheet HTML 14Page - Diodes Incorporated AM4964 Datasheet HTML 15Page - Diodes Incorporated AM4964 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
12 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Performance Characteristics
Quiescent Current vs. Supply Voltage
Quiescent Current vs. Ambient Temperature
Output Saturation Voltage vs. Ouput Current
Allowable Power Dissipation vs. Allowable Temperature
(Note 6)
Note 6:
TSSOP-20EP exposed pad is soldered to minimum recommended landing pads (see Package Outline Dimension section) on a4.0mmx3.0mm two-layer
2oz.copper FR4 PCB (1.6mm thickness) with four thermal vias in the exposed PAD to the copper flood on the bottom layer.
-50
0
50
100
0
4
8
12
16
20
V
CC
=12V
I
Q1
(V
CT
=L)
I
Q2
(V
CT
=H)
Ambient Temperature (
oC)
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
CC
=12V, T
A
=25
oC
V
SATH
V
SATL
Output Current (mA)
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature (
oC)
90
0
5
10
15
20
25
0
4
8
12
16
20
T
A
=25
oC
I
Q1
(V
CT
=L)
I
Q2
(V
CT
=H)
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com