Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4964 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 6Page - Diodes Incorporated AM4964 Datasheet HTML 7Page - Diodes Incorporated AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated AM4964 Datasheet HTML 10Page - Diodes Incorporated AM4964 Datasheet HTML 11Page - Diodes Incorporated AM4964 Datasheet HTML 12Page - Diodes Incorporated AM4964 Datasheet HTML 13Page - Diodes Incorporated AM4964 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
10 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Functional Descriptions (cont.)
RADJ
– Adjust the Line Slope of the Input PWM Duty vs. Output PWM Duty at the OUT1 and OUT2
Adjust Slope K of the fan rotating speed
(or output duty)vs. input duty to approximately match the target specification using R5 and R6.
Output PWM Duty Slope K vs. Input PWM Duty with Slope K R5 and R6
VMIN
– Minimum Speed Setting
A voltage can be set on this pin via a potential divider between the VREF (or Supply) and GND pins. This voltage is monitored by the PWM pin
to clamp the PWM control voltage so that it does not rise above VMIN voltage. As a higher voltage on the PWM pin represents a lower speed,
the VMIN setting prevents the motor speed going lower than the minimum speed set by the VMIN pin. When the VMIN voltage is higher than the
lowest speed setting voltage allowed (The lowest speed voltage is about 0.28VCC), the fan speed is maintained at the lowest speed.
Adjust the minimum speed vs. input duty to approximately match the target specification via R2 (R1=15k
Ω). Measure the fan rotating speed and
the input duty, as shown below.
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
R2 (K)
Output PWM Duty vs. R2
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
R5=100K
R5=270K
R5 is open
Input Duty (%)
0
20
40
60
80
100
0
20
40
60
80
100
R6=100K
R6=270K
R6 open
Input Duty (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com