Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4953 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM4953
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4953 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4953 Datasheet HTML 2Page - Diodes Incorporated AM4953 Datasheet HTML 3Page - Diodes Incorporated AM4953 Datasheet HTML 4Page - Diodes Incorporated AM4953 Datasheet HTML 5Page - Diodes Incorporated AM4953 Datasheet HTML 6Page - Diodes Incorporated AM4953 Datasheet HTML 7Page - Diodes Incorporated AM4953 Datasheet HTML 8Page - Diodes Incorporated AM4953 Datasheet HTML 9Page - Diodes Incorporated AM4953 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Apr. 2012
Rev. 1. 5
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
VCC=12V, TA=25
oC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current
ICC1
VCT=L
6
8
9.6
mA
ICC2
VCT=H
2
4
6
mA
CT Charge Current
ICHG
1
1.7
2.5
µA
CT Discharge Current
IDHG
0.15
0.27
0.36
µA
CT Charge/Discharge
Current Ratio
RCT
ICHG / IDHG
5
7
10
CT Clamp Voltage
VCL
1.25
1.45
1.65
V
CT Comparator Voltage
VCP
0.25
0.45
0.65
V
OUT Low Saturation Voltage
VSAT_L
IOUT=300mA
0.25
0.45
V
OUT High Saturation Voltage
VSAT_H
IOUT=300mA
0.95
1.3
V
Hall Input Sensitivity
VHN
8
20
mV
FG Low Level Voltage
VFG
IFG=5mA
0.15
0.3
V
FG Leakage Current
IFGL
VFG=15V
1
10
µA
RD Low Level Voltage
VRD
IRD=5mA
0.15
0.3
V
RD Leakage Current
IRDL
VRD=15V
1
10
µA
HB Voltage
VHB
IHB=5mA
1.3
1.45
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com