Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4953 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AM4953
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4953 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AM4953 Datasheet HTML 3Page - Diodes Incorporated AM4953 Datasheet HTML 4Page - Diodes Incorporated AM4953 Datasheet HTML 5Page - Diodes Incorporated AM4953 Datasheet HTML 6Page - Diodes Incorporated AM4953 Datasheet HTML 7Page - Diodes Incorporated AM4953 Datasheet HTML 8Page - Diodes Incorporated AM4953 Datasheet HTML 9Page - Diodes Incorporated AM4953 Datasheet HTML 10Page - Diodes Incorporated AM4953 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Apr. 2012
Rev. 1. 5
BCD Semiconductor Manufacturing Limited
7
0
5
10
15
20
0
2
4
6
8
10
T
A
=25
oC
I
CC1
(V
CT
=L)
I
CC2
(V
CT
=H)
V
CC
(V)
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
V
CC
=12V
I
CC1
(V
CT
=L)
I
CC2
(V
CT
=H)
T
A
(
oC)
-40
0
200
400
600
800
0.0
0.4
0.8
1.2
1.6
2.0
V
CC
=12V,T
A
=25
oC
V
SATH
V
SATL
I
OUT
(mA)
Typical Performance Characteristics
Figure 4. ICC vs. VCC
Figure 5. ICC vs. TA
Figure 6. VSAT vs. IOUT
Figure 7. PD vs.TA
-25
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
T
A
(
oC)
Package: MSOP-10/MSOP-8
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com