Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4953 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AM4953
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4953 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AM4953 Datasheet HTML 6Page - Diodes Incorporated AM4953 Datasheet HTML 7Page - Diodes Incorporated AM4953 Datasheet HTML 8Page - Diodes Incorporated AM4953 Datasheet HTML 9Page - Diodes Incorporated AM4953 Datasheet HTML 10Page - Diodes Incorporated AM4953 Datasheet HTML 11Page - Diodes Incorporated AM4953 Datasheet HTML 12Page - Diodes Incorporated AM4953 Datasheet HTML 13Page - Diodes Incorporated AM4953 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Apr. 2012
Rev. 1. 5
BCD Semiconductor Manufacturing Limited
10
Typical Application
FG
VCC
OUT2
GND
OUT1
CT
IN-
IN+
AM4953
HALL
R1
D1
C1
C2
L
RD
R2
HB
VFG
VRD
(Note 4)
(Note 2)
FG
VCC
OUT2
GND
OUT1
CT
IN-
IN+
AM4953
R3
C1
C2
L
AH921
R1
VFG
D1
HB
RD
VRD
R2
(Note 5)
(Note 4)
(Note 4)
Note 2: Adding D1 can protect the IC from destruction by reverse connection. If D1 is used, it is necessary to
insert a capacitor C1 to provide a regenerative current route. Similarly, if there is no nearby capacitor on the fan
power supply line, C1 will also be necessary to improve reliability. Its capacity should be larger than 2.2
µF.
Note 3: If the line between Hall sensor output and Hall sensor input of IC is long, the noise may occur in this line.
But it can be eliminated by adding a capacitor C3.
Note 4: Each of R1 and R2 is recommended to be 51k
Ω typical. R3 is recommended to be 2k and must be added
when VCC is larger than 20V.
Note 5: The package of AH921 is SOT-23-3. If it is packaged in TO-92S-3,please exchange IN- with IN+.
Figure 11. Typical Application of AM4953



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com