Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2155 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2155
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2155 Datasheet(HTML) 2 Page - International Rectifier

  IR2155 Datasheet HTML 1Page - International Rectifier IR2155 Datasheet HTML 2Page - International Rectifier IR2155 Datasheet HTML 3Page - International Rectifier IR2155 Datasheet HTML 4Page - International Rectifier IR2155 Datasheet HTML 5Page - International Rectifier IR2155 Datasheet HTML 6Page - International Rectifier IR2155 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IR2155&(PbF)
2
www.irf.com
Parameter
Value
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VS + 10
VS + 20
VS
High Side Floating Supply Offset Voltage
—
600
VHO
High Side Floating Output Voltage
VS
VB
VLO
Low Side Output Voltage
0
VCC
ICC
Supply Current (Note 1)
—
5
mA
TA
Ambient Temperature
-40
125
°C
Parameter
Value
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Voltage
-0.3
625
VS
High Side Floating Supply Offset Voltage
VB - 25
VB + 0.3
VHO
High Side Floating Output Voltage
VS - 0.3
VB + 0.3
VLO
Low Side Output Voltage
-0.3
VCC + 0.3
VRT
RT Voltage
-0.3
VCC + 0.3
VCT
CT Voltage
-0.3
VCC + 0.3
ICC
Supply Current (Note 1)
—
25
IRT
RT Output Current
-5
5
dVs/dt
Allowable Offset Supply Voltage Transient
—
50
V/ns
PD
Package Power Dissipation @ TA ≤ +25°C
(8 Lead DIP)
—
1.0
(8 Lead SOIC)
—
0.625
RθJA
Thermal Resistance, Junction to Ambient
(8 Lead DIP)
—
125
(8 Lead SOIC)
—
200
TJ
Junction Temperature
—
150
TS
Storage Temperature
-55
150
°C
TL
Lead Temperature (Soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured
under board mounted and still air conditions.
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
V
°C/W
W
mA
V
structure between the chip VCC and COM which has a nominal breakdown voltage of 15.6V. Therefore, the IC
supply voltage is normally derived by forcing current into the supply lead (typically by means of a high value
resistor connected between the chip VCC and the rectified line voltage and a local decoupling capacitor from
VCC to COM) and allowing the internal zener clamp circuit to determine the nominal supply voltage. There-
fore, this circuit should not be driven by a DC, low impedance power source of greater than VCLAMP.
Note 1:
Because of the IR2155’s application specificity toward off-line supply systems, this IC contains a zener clamp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com