Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2155 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2155
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2155 Datasheet(HTML) 1 Page - International Rectifier

  IR2155 Datasheet HTML 1Page - International Rectifier IR2155 Datasheet HTML 2Page - International Rectifier IR2155 Datasheet HTML 3Page - International Rectifier IR2155 Datasheet HTML 4Page - International Rectifier IR2155 Datasheet HTML 5Page - International Rectifier IR2155 Datasheet HTML 6Page - International Rectifier IR2155 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet No. PD60029 revJ
SELF-OSCILLATING HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
Duty Cycle
50%
IO+/-
210 mA / 420 mA
VOUT
10 - 20V
Deadtime (typ.)
1.2
µs
Package
Typical Connection
www.irf.com
1
MOSFET or IGBT in the high side configuration that
operates off a high voltage rail up to 600 volts.
8 Lead PDIP
up to 600V
V
CC
V
B
V
S
HO
LO
COM
R
T
C
T
TO
LOAD
(Refer to Lead Assignment diagram for correct pin configuration)
Description
The IR2155 is a high voltage, high speed, self-
oscillating power MOSFET and IGBT driver with both
high and low side referenced output channels. Pro-
prietary HVIC and latch immune CMOS technolo-
gies enable ruggedized monolithic construction.
The front end features a programmable oscillator
which is similar to the 555 timer. The output drivers
feature a high pulse current buffer stage and an in-
ternal deadtime designed for minimum driver cross-
conduction. Propagation delays for the two
channels are matched to simplify use in 50% duty
cycle applications. The floating channel can be
used to drive an N-channel power
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Undervoltage lockout
• Programmable oscillator frequency
f
=
×+
×
1
1.4 (R
150 ) C
TT
Ω
• Matched propagation delay for both channels
• Micropower supply startup current of 125 µA typ.
• Low side output in phase with RT
• Available in Lead-Free
IR2155&(PbF)
(NOTE: For new designs, we recommend IR’s new products
IR2153 and IR21531)


Similar Part No. - IR2155

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2155 IRF-IR2155 Datasheet
228Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2155 INFINEON-IR2155 Datasheet
148Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60029 revJ
More results

Similar Description - IR2155

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z_15 Datasheet
94Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21531 INFINEON-IR21531 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60131 revM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com