Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2155 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2155
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2155 Datasheet(HTML) 3 Page - International Rectifier

  IR2155 Datasheet HTML 1Page - International Rectifier IR2155 Datasheet HTML 2Page - International Rectifier IR2155 Datasheet HTML 3Page - International Rectifier IR2155 Datasheet HTML 4Page - International Rectifier IR2155 Datasheet HTML 5Page - International Rectifier IR2155 Datasheet HTML 6Page - International Rectifier IR2155 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IR2155&(PbF)
www.irf.com
3
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
fOSC
Oscillator Frequency
19.4
20.0
20.6
RT = 35.7 kΩ
94
100
106
RT = 7.04 kΩ
VCLAMP
VCC Zener Shunt Clamp Voltage
14.4
15.6
16.8
ICC = 5 mA
VCT+
2/3 VCC Threshold
7.8
8.0
8.2
V
VCT-
1/3 VCC Threshold
3.8
4.0
4.2
VCTUV
CT Undervoltage Lockout
—
20
50
2.5V < VCC < VCCUV
VRT+
RT High Level Output Voltage, VCC - RT
—
0
100
IRT = -100 µA
—
200
300
IRT = -1 mA
VRT-
RT Low Level Output Voltage
—
20
50
IRT = 100
µA
—
200
300
IRT = 1 mA
VRTUV
RT Undervoltage Lockout, VCC - RT
—
0
100
2.5V < VCC < VCCUV
VOH
High Level Output Voltage, VBIAS - VO
—
—
100
IO = 0A
VOL
Low Level Output Voltage, VO
—
—
100
IO = 0A
ILK
Offset Supply Leakage Current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
—
70
150
IQBSUV
Micropower VBS Supply Startup Current
—
55
125
IQCC
Quiescent VCC Supply Current
—
500
1000
IQCCUV
Micropower VCC Supply Startup Current
—
70
150
ICT
CT Input Current
—
0.001
1.0
VBSUV+
VBS Supply Undervoltage Positive Going
7.7
8.4
9.2
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
7.3
8.1
8.9
Threshold
VBSUVH
VBS Supply Undervoltage Lockout Hysteresis
100
400
—
mV
VCCUV+
VCC Supply Undervoltage Positive Going
7.7
8.4
9.2
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
7.4
8.1
8.9
Threshold
VCCUVH
VCC Supply Undervoltage Lockout Hysteresis
200
400
—
mV
IO+
Output High Short Circuit Pulsed Current
210
250
—
VO = 0V
IO-
Output Low Short Circuit Pulsed Current
420
500
—
VO = 15V
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
tr
Turn-On Rise Time
—
80
120
tr
Turn-Off Fall Time
—
40
70
DT
Deadtime
0.50
1.20
2.25
µs
DRT Duty Cycle
48
50
52
%
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Static Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CL = 1000 pF, CT = 1 nF and TA = 25°C unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the
respective output leads: HO or LO.
ns
kHz
mV
µA
V
V
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com