Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGFL Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NGFL
Description  Multilayer Chip Low Pass Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFL Datasheet(HTML) 4 Page - NIC-Components Corp.

  NGFL Datasheet HTML 1Page - NIC-Components Corp. NGFL Datasheet HTML 2Page - NIC-Components Corp. NGFL Datasheet HTML 3Page - NIC-Components Corp. NGFL Datasheet HTML 4Page - NIC-Components Corp. NGFL Datasheet HTML 5Page - NIC-Components Corp. NGFL Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFL Series
Multilayer Chip Low Pass Filters
NGFL0805 Size
COMPONENT LAYOUT (in mm)
LAND PATTERNS (in mm)
(Customization Available. Please contact NIC for any center frequency and response customizations)
Part Number
Standard Values - Case Size 0805 (2.0 x 1.2mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
NGFL0805AG0R902G012TRF
902.5
f0 ± 12.5
0.6
30.0dB Min. at 2×(f0±50)MHz
0.95 ± 0.10
30.0dB Min. at 3×(f0±50)MHz
NGFL0805AG2R450G050TRF
2450
f0 ± 50.0
0.5
27.0dB Min. at 2×(f0±50)MHz
30.0dB Min. at 3×(f0±50)MHz
30.0dB Min. at 4×(f0±50)MHz
NGFL0805BG2R450G050TRF
2450
f0 ± 50.0
0.5
27.0dB min. at 2×f0 MHz
0.95 ± 0.10
25.0dB min. at 3×f0 MHz
25.0dB min. at 4×f0 MHz
Style "A"
Style "B"
Style "A"
Style "B"
NGFL0805 Style Code
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Style "A"
Ground
NC
Ground
Out
Ground
NC
Ground
In
Style "B"
Ground
Out
Ground
In
-
-
-
-
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
2.0 ± 0.15
0.3 ± 0.1
0.95 ± 0.1
0.35 ± 0.15
0.33 ± 0.15
0.68 ± 0.1
0.15 ± 0.1
0.65
1.5
0.5
0.35
(1)
(2)
(3)
(4)
2.0 ± 0.15
0.95 ± 0.1
1.7 ± 0.15
0.25 ± 0.15
1.5
1.65
0.95



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com