Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGFL Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NGFL
Description  Multilayer Chip Low Pass Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFL Datasheet(HTML) 1 Page - NIC-Components Corp.

  NGFL Datasheet HTML 1Page - NIC-Components Corp. NGFL Datasheet HTML 2Page - NIC-Components Corp. NGFL Datasheet HTML 3Page - NIC-Components Corp. NGFL Datasheet HTML 4Page - NIC-Components Corp. NGFL Datasheet HTML 5Page - NIC-Components Corp. NGFL Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFL Series
Multilayer Chip Low Pass Filters
FEATURES
• LOW INSERTION LOSS
• HIGH ATTENTUATION
• INTERNAL SHIELDING
• SMALL SIZE & LOW PROFILE LTCC CONSTRUCTION
• TAPED AND REELED FOR AUTOMATIC INSERTION
Case Code
0402
0603
0805
1206
Center Frequency Ranges
1710 MHz ~
2450 MHz
870 MHz ~
2450 MHz
902.5 MHz ~
5787.5 MHz
560 MHz ~
2441.5 MHz
Operating Temperature Range
-40°C ~ +85°C
Bandwidth
±12.5MHz ~ ±200Mhz (Refer to Individual Part Numbers for Specific Values)
Resistance to Solder Heat
+260°C for 10 seconds
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
Case Code
DIMENSIONS (mm)
A
B
C
Pin Layout and Dimensions
NGFL0402
1.0 ± 0.05
0.5 ± 0.05
0.38 ± 0.05
Refer to Individual Part Number Table
NGFL0603
1.6 ± 0.10
0.8 ± 0.10
0.6 ± 0.10
NGFL0805
2.0 ± 0.15
1.2 ± 0.15
0.95 ± 0.10
NGFL1206
3.2 ± 0.15
1.6 ± 0.15
0.95 ± 0.10
RoHS Compliant
Packaging: TR = Tape & Reel
Frequency Code (Ghz): “R” indicates decimal
Style & Performance Codes (see dimensions and part number tables for details)
Series
PART NUMBER SYSTEM
NGFL 0805AB 2R450G 050 TR F
Bandwidth Code


Similar Part No. - NGFL

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NGF-WSG DOMINANT-NGF-WSG Datasheet
932Kb / 14P
Super high brightness surface mount LED
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
NGFP0402AG2R450G050TRF NIC-NGFP0402AG2R450G050TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
NGFP0603AG2R450G050TRF NIC-NGFP0603AG2R450G050TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
NGFP0603AH2R450G050TRF NIC-NGFP0603AH2R450G050TRF Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
More results

Similar Description - NGFL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA165850LT-1197B2 TDK-DEA165850LT-1197B2 Datasheet
51Kb / 3P
Multilayer Low Pass Filters
DEA160915LT-1169 TDK-DEA160915LT-1169 Datasheet
52Kb / 3P
Multilayer Low Pass Filters
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA161990LT-1180A1 TDK-DEA161990LT-1180A1 Datasheet
53Kb / 3P
Multilayer Low Pass Filters
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
Multilayer Chip Band Pass Filters
DEA162450BT-2139A1 TDK-DEA162450BT-2139A1 Datasheet
49Kb / 2P
Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
Multilayer Chip Band Pass Filters
DEA252450BT-2037C1 TDK-DEA252450BT-2037C1_16 Datasheet
51Kb / 2P
Multilayer Chip Band Pass Filters
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
Multilayer Chip Band Pass Filters
DEA102500LT-6307A1 TDK-DEA102500LT-6307A1 Datasheet
48Kb / 2P
Multilayer Chip Low Pass Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com