Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGFL Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NGFL
Description  Multilayer Chip Low Pass Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFL Datasheet(HTML) 5 Page - NIC-Components Corp.

  NGFL Datasheet HTML 1Page - NIC-Components Corp. NGFL Datasheet HTML 2Page - NIC-Components Corp. NGFL Datasheet HTML 3Page - NIC-Components Corp. NGFL Datasheet HTML 4Page - NIC-Components Corp. NGFL Datasheet HTML 5Page - NIC-Components Corp. NGFL Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFL Series
Multilayer Chip Low Pass Filters
NGFL1206 Size
COMPONENT LAYOUT (in mm)
(Customization Available. Please contact NIC for any center frequency and response customizations)
Part Number
Standard Values - Case Size 1206 (3.2 x 1.6 x 0.95mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
NGFL1206AG0R560G050TRF
560
f0 ± 50.0
1.0dB Min. at 0~400MHz
20.0dB Min. at 660MHz
0.95 ± 0.10
3.0dB Min. at 560MHz
40.0dB Min. at 680~3000MHz
20.0dB Min. at 660~5500MHz
NGFL1206BG2R450G041TRF
2441.5
f0 ± 41.5
0.6
30.0dB Min. at 2×(f0±41.5)MHz
18.0dB Min. at 3×(f0±41.5)MHz
NGFL1206 Style Code
(1)
(2)
(3)
(4)
All Styles
In
Ground
Out
Ground
Style "A"
Style "B"
All Styles
0.6
2.2
4.3
3.2 ± 0.2
0.95 ± 0.2
0.5 ± 0.15
0.7 ± 0.15
(2)
(3)
(4)
(1)
2.6
5.5
3.2
1.6
LAND PATTERNS (in mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com