Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591AM832 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTD4591AM832
Description  MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591AM832 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXTD4591AM832 Datasheet HTML 2Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 3Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 4Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 5Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 6Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 7Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 8Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 9Page - Diodes Incorporated ZXTD4591AM832 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXTD4591AM832
Issue 2 - April 2008
6
www.zetex.com
© Zetex Semiconductors plc 2008
PNP Transistor
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-Base
breakdown voltage
V(BR)CBO
-40
V
IC = -100 A
Collector-Emitter
breakdown voltage
V(BR)CEO
-40
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions.
Emitter-Base
breakdown voltage
V(BR)EBO
-5
V
IE = -100 A
Collector cut-off
current
ICBO
-100
nA
VCB = -30V
Emitter cut-off current
IEBO
-100
nA
VEB = -4V
Collector Emitter cut-
off current
ICES
-100
nV
VCE = -30V
Collector Emitter
saturation voltage
VCE(sat)
-200
-350
-500
mV
mV
mV
IC = -0.1A, IB = -1mA(*)
IC = -0.5A, IB = -20mA(*)
IC = -1A, IB = -100mA(*)
Base-Emitter
saturation voltage
VBE(sat)
-1.1
V
IC = -1A, IB = -50mA(*)
Base-Emitter turn-on
voltage
VBE(on)
-1.0
V
IC = -1A, VCE = -5V(*)
Static forward current
transfer ratio
hFE
300
300
250
160
30
800
IC = -1mA, VCE = -5V(*)
IC = -0.1A, VCE = -5V(*)
IC = -0.5A, VCE = -5V(*)
IC = -1A, VCE = -5V(*)
IC = -2A, VCE = -5V(*)
Transition frequency
fT
150
MHz
IC = -50mA, VCE = -10V
f = 100MHz
Output capacitance
COBO
10
pF
VCB = -10V, f = 1MHz
OBSOLETE - PLEASE USE ZXTC4591AMC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com